Electronic Components Datasheet Search
  English  ▼

X  

ADS7028 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7028
Description  ADS7038 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7028 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS7028 Datasheet HTML 9Page - Texas Instruments ADS7028 Datasheet HTML 10Page - Texas Instruments ADS7028 Datasheet HTML 11Page - Texas Instruments ADS7028 Datasheet HTML 12Page - Texas Instruments ADS7028 Datasheet HTML 13Page - Texas Instruments ADS7028 Datasheet HTML 14Page - Texas Instruments ADS7028 Datasheet HTML 15Page - Texas Instruments ADS7028 Datasheet HTML 16Page - Texas Instruments ADS7028 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
13
ADS7038
www.ti.com
SBAS979 – JUNE 2019
Product Folder Links: ADS7038
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
When the ADS7038 detects a CRC error on the SPI interface, the erroneous data are ignored and the
CRCERR_IN bit is set. Additional notifications can be enabled as described in Table 2. Further register writes are
disabled until the CRCERR_IN bit is cleared by writing 1b to this bit. When using autonomous conversion mode,
further conversions can be disabled on a CRC error on the SPI interface by setting CONV_ON_ERR = 1b.
8.3.7 General-Purpose I/Os
The eight channels of the ADS7038 can be independently configured as analog inputs, digital inputs, or digital
outputs. Table 3 shows how the PIN_CFG and GPIO_CFG registers can be used to configure the device
channels.
Table 3. Configuring Channels as Analog Inputs or GPIOs
PIN_CFG[7:0]
GPIO_CFG[7:0]
GPO_DRIVE_CFG[7:0]
CHANNEL CONFIGURATION
0
x
x
Analog input (default)
1
0
x
Digital input
1
1
0
Digital output; open-drain driver
1
1
1
Digital output; push-pull driver
Digital outputs can be configured to logic 1 or 0 by writing to the GPO_OUTPUT_VALUE register. Reading the
GPI_VALUE register returns the logic level for all channels configured as digital inputs or digital outputs. The
GPI_VALUE register can be read to detect a failure in external components, such as a floating pullup resistor or
a low-impedance pulldown resistor, that prevents digital outputs being set to the desired logic level.
8.3.8 Oscillator and Timing Control
The device uses an internal oscillator for conversion. When using the averaging module, the host initiates the
first conversion and subsequent conversions are generated internally by the device. Table 4 describes how the
sampling rate can be controlled by the OSC_SEL and CLK_DIV[3:0] register fields when the device generates
the start of the conversion.
Table 4. Configuring Sampling Rate for Internal Conversion Start Control
CLK_DIV[3:0]
OSC_SEL = 0
OSC_SEL = 1
SAMPLING FREQUENCY, fCYCLE
(kSPS)
CYCLE TIME,
tCYCLE (µs)
SAMPLING FREQUENCY,
fCYCLE (kSPS)
CYCLE TIME, tCYCLE
(µs)
0000b
1000
1
31.25
32
0001b
666.7
1.5
20.83
48
0010b
500
2
15.63
64
0011b
333.3
3
10.42
96
0100b
250
4
7.81
128
0101b
166.7
6
5.21
192
0110b
125
8
3.91
256
0111b
83
12
2.60
384
1000b
62.5
16
1.95
512
1001b
41.7
24
1.3
768
1010b
31.3
32
0.98
1024
1011b
20.8
48
0.65
1536
1100b
15.6
64
0.49
2048
1101b
10.4
96
0.33
3072
The conversion time of the device, given by tCONV in the Switching Characteristics table, is independent of the
OSC_SEL and CLK_DIV[3:0] configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com