Electronic Components Datasheet Search
  English  ▼

X  

ADS7028 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7028
Description  ADS7038 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7028 Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADS7028 Datasheet HTML 45Page - Texas Instruments ADS7028 Datasheet HTML 46Page - Texas Instruments ADS7028 Datasheet HTML 47Page - Texas Instruments ADS7028 Datasheet HTML 48Page - Texas Instruments ADS7028 Datasheet HTML 49Page - Texas Instruments ADS7028 Datasheet HTML 50Page - Texas Instruments ADS7028 Datasheet HTML 51Page - Texas Instruments ADS7028 Datasheet HTML 52Page - Texas Instruments ADS7028 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
49
ADS7038
www.ti.com
SBAS979 – JUNE 2019
Product Folder Links: ADS7038
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Figure 86. MAX_CH7_LSB Register
7
6
5
4
3
2
1
0
MAX_VALUE_CH7_LSB[7:0]
R-0b
Table 78. MAX_CH7_LSB Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
MAX_VALUE_CH7_LSB[7
:0]
R
0b
Maximum code recorded on the analog input channel from the last
time this register was read. Reading the register will reset the value
to 0.
8.5.69 MAX_CH7_MSB Register (Address = 0x6F) [reset = 0x0]
MAX_CH7_MSB is shown in Figure 87 and described in Table 79.
Return to the Summary Table.
Figure 87. MAX_CH7_MSB Register
7
6
5
4
3
2
1
0
MAX_VALUE_CH7_MSB[7:0]
R-0b
Table 79. MAX_CH7_MSB Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
MAX_VALUE_CH7_MSB[
7:0]
R
0b
Maximum code recorded on the analog input channel from the last
time this register was read. Reading the register will reset the value
to 0.
8.5.70 MIN_CH0_LSB Register (Address = 0x80) [reset = 0xFF]
MIN_CH0_LSB is shown in Figure 88 and described in Table 80.
Return to the Summary Table.
Figure 88. MIN_CH0_LSB Register
7
6
5
4
3
2
1
0
MIN_VALUE_CH0_LSB[7:0]
R-11111111b
Table 80. MIN_CH0_LSB Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
MIN_VALUE_CH0_LSB[7:
0]
R
11111111b
Minimum code recorded on the analog input channel from the last
time this register was read. Reading the register will reset the value
to 0xFF.
8.5.71 MIN_CH0_MSB Register (Address = 0x81) [reset = 0xFF]
MIN_CH0_MSB is shown in Figure 89 and described in Table 81.
Return to the Summary Table.
Figure 89. MIN_CH0_MSB Register
7
6
5
4
3
2
1
0
MIN_VALUE_CH0_MSB[7:0]
R-11111111b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com