Electronic Components Datasheet Search
  English  ▼

X  

ADS7028 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7028
Description  ADS7038 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7028 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS7028 Datasheet HTML 8Page - Texas Instruments ADS7028 Datasheet HTML 9Page - Texas Instruments ADS7028 Datasheet HTML 10Page - Texas Instruments ADS7028 Datasheet HTML 11Page - Texas Instruments ADS7028 Datasheet HTML 12Page - Texas Instruments ADS7028 Datasheet HTML 13Page - Texas Instruments ADS7028 Datasheet HTML 14Page - Texas Instruments ADS7028 Datasheet HTML 15Page - Texas Instruments ADS7028 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
16
2
1
AVDD
LSB
tAVG = N samples x tCYCLE
CS
Sample
AINx
(start of averaging)
Sample
AINx
SCLK
Sample
AINx
[15:0] Data
SDO
16 clocks
N ± 1 conversions triggered
internally
12
ADS7038
SBAS979 – JUNE 2019
www.ti.com
Product Folder Links: ADS7038
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.3.5 Programmable Averaging Filter
The ADS7038 features a built-in oversampling (OSR) function that can be used to average several samples. The
averaging filter can be enabled by programming the OSR[2:0] bits in the OSR_CFG register. The averaging filter
configuration is common to all analog input channels. Figure 5 shows that the averaging filter module output is
16 bits long. In manual conversion mode and auto-sequence mode, only the first conversion for the selected
analog input channel must be initiated by the host; see the Manual Mode and Auto-Sequence Mode sections. As
shown in Figure 5, any remaining conversions for the selected averaging factor are generated internally. The
time required to complete the averaging operation is determined by the sampling speed and number of samples
to be averaged. As shown in Figure 5, the 16-bit result can be read out after the averaging operation completes.
Figure 5. Averaging Example
In autonomous mode of operation, samples from analog input channels that are enabled in the
AUTO_SEQ_CH_SEL register are averaged sequentially. The digital window comparator compares the top 12
bits of the 16-bit average result with the thresholds.
Equation 2 provides the LSB value of the 16-bit average result.
(2)
8.3.6 CRC on Data Interface
The ADS7038 features a cyclic redundancy check (CRC) module for checking the integrity of the data bits
exchanged over the SPI interface. The CRC module is bidirectional, which appends an 8-bit CRC to every byte
read from the device and also evaluates the CRC of every incoming byte over the SPI interface. The CRC
module uses the CRC-8-CCITT polynomial (x8 + x2 + x + 1) for CRC computation.
To enable the CRC module, set the CRC_EN bit in the GENERAL_CFG register. Table 2 shows the different
ways that a CRC error that occurs when configuring the ADS7038 can be detected.
Table 2. Configuring Notifications when CRC Error is Detected
CRC ERROR NOTIFICATION
CONFIGURATION
DESCRIPTION
ALERT
ALERT_CRCIN = 1b
ALERT (internal signal) is asserted if a CRC error is detected
Status flags
APPEND_STATUS = 10b
4-bit status flags are appended to the ADC data. See the Output Data
Format section for details.
Register read
—
Read the CRCERR_IN bit to check if a CRC error was detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com