Electronic Components Datasheet Search
  English  ▼

X  

FC6160 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FC6160
Description  150mA High Voltage Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC6160 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FC6160 Datasheet HTML 1Page - First Silicon Co., Ltd FC6160 Datasheet HTML 2Page - First Silicon Co., Ltd FC6160 Datasheet HTML 3Page - First Silicon Co., Ltd FC6160 Datasheet HTML 4Page - First Silicon Co., Ltd FC6160 Datasheet HTML 5Page - First Silicon Co., Ltd FC6160 Datasheet HTML 6Page - First Silicon Co., Ltd FC6160 Datasheet HTML 7Page - First Silicon Co., Ltd FC6160 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2012.04.27
4/8
FC6160
Revision No : 0
Electrical Characteristics
(VIN=15V, SHDN pin connected to VIN, CIN=1µF, COUT=1µF, TA=25 ºC, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage Tolerance (VOUT)
∆
VOUT
%
1
1
-
I
ti
m
i
L
t
n
e
r
r
u
C
LIMIT
RLoad=1Ω
360
500
mA
Quiescent Current
IQ
IO
A
µ
0
9
5
5
A
m
0
=
Standby Current
ISTBY
/SHDN=GND
1
µA
Feedback Reference
VFB
V
7
4
2
.
1
5
3
2
.
1
2
2
2
.
1
Dropout Voltage (Note2)
VDROP
IO
V
m
0
5
8
0
0
5
A
m
0
5
1
=
Line Regulation
∆
VLINE
IO=1mA, VIN=VOUT +1V to 16V
0.03
0.2
%
Load Regulation (Note3)
∆
VLOAD
IO=1mA to 150mA
0.1
0.5
%
Output Noise (Note4)
VNOISE
COUT = 1µF, CIN = 1µF
10Hz~100kHz
300
µVRMS
Ripple Rejection (Note4)
PSRR
VIN=VOUT+1V,
fRIPPLE = 120Hz, COUT = 1µF
65
dB
Temperature Coefficient (Note4)
TC
IOUT = 1mA, VIN = 15V
50
ppm/ºC
TSD
C
º
0
5
1
Thermal Shutdown Threshold
(Note4)
∆
TSD
C
º
0
1
s
i
s
e
r
e
t
s
y
H
VSHDN(ON)
V
0
.
3
N
O
Pin Threshold
VSHDN(OFF)
V
4
.
0
F
F
O
Pin Current
ISHDN
A
µ
1
.
0
Note2:The dropout voltage is defined as VIN-VOUT, which is measured when VOUT drops 2% of its normal value with the specified output
current.
Note3:Load regulation and dropout voltage are measured at a constant junction temperature by using a 40ms low duty cycle current
pulse.
Note4:The specification is guaranteed by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com