Electronic Components Datasheet Search
  English  ▼

X  

FC6160 Datasheet(PDF) 7 Page - First Silicon Co., Ltd

Part # FC6160
Description  150mA High Voltage Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC6160 Datasheet(HTML) 7 Page - First Silicon Co., Ltd

  FC6160 Datasheet HTML 1Page - First Silicon Co., Ltd FC6160 Datasheet HTML 2Page - First Silicon Co., Ltd FC6160 Datasheet HTML 3Page - First Silicon Co., Ltd FC6160 Datasheet HTML 4Page - First Silicon Co., Ltd FC6160 Datasheet HTML 5Page - First Silicon Co., Ltd FC6160 Datasheet HTML 6Page - First Silicon Co., Ltd FC6160 Datasheet HTML 7Page - First Silicon Co., Ltd FC6160 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2012.04.027
7/8
FC6160
Revision No : 0
Application Information
The FC6160 is a high voltage, low dropout linear
regulator that could provide 150mA output current
at 800mV dropout voltage. Besides, current limit
and on chip thermal shutdown features provide
protection against any combination of overload or
ambient temperature that could exceed junction
temperature.
Shutdown Control
Force /SHDN pin high to enable the FC6160 and
turned off the device by pulling it low. The /SHDN
pin can’t be floated and must be tied to the VIN if not
used.
Output Voltage Setting
The output voltage of regulator is determined by
connecting external resistor dividers. The external
resistor divider connects with FB pin. The output
voltage is determined by the following equation:
235
.
1
R
R
1
V
R
R
R
V
2
1
FB
2
2
1
OUT
×
+
=
×
+
=
PSRR (Power Supply Rejection Ratio)
The FC6160 has high 65dB PSRR. Ripple rejection
is the ability of the regulator to reduce input voltage
ripple. It is specified with a 120Hz and 1V
P-P signal
applying to input, with 1uF output capacitor. Ripple
rejection, expressed in dB, is the ratio of output
ripple to input ripple.
Output and Input Capacitor
The FC6160 is designed to be stable with low ESR
ceramic capacitors. Higher values of capacitors
and ESR could improve output stability. So
the ESR of output capacitor is very important
because it generates a zero to provide phase
lead for loop stability. It is recommended to
use 1uF to 10uF X5R or X7R dielectric
ceramic capacitors with 30mΩ to 50mΩ ESR
range between VOUT and GND for transient
stability.
Larger value of the output capacitor
decreases the peak deviations and provides
to improve transition response for larger
current changes.
The ESR is not essential for input capacitor,
but its voltage and temperature coefficient
have to be considered for device application
environment.
Over Temperature Protection
Over temperature protection function is
integrated in the chip. The thermal protection
function prevents the excessive power
dissipation form overheating. When the chip
temperature is higher than 150°C, the
controller is shutdown. When the junction
temperature cools down to a constant value,
the thermal protection is released and the
chip operates normal again.
Thermal Consideration
The power handling capability of the device
will be limited by allowable operation junction
temperature (125°C). The power dissipated
by the device will be estimated by PD = IOUT ×
(VIN-VOUT). The power dissipation should be
lower than the maximum power dissipation
listed in “Absolute Maximum Ratings” section.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com