Electronic Components Datasheet Search
  English  ▼

X  

FC6160 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FC6160
Description  150mA High Voltage Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC6160 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FC6160 Datasheet HTML 1Page - First Silicon Co., Ltd FC6160 Datasheet HTML 2Page - First Silicon Co., Ltd FC6160 Datasheet HTML 3Page - First Silicon Co., Ltd FC6160 Datasheet HTML 4Page - First Silicon Co., Ltd FC6160 Datasheet HTML 5Page - First Silicon Co., Ltd FC6160 Datasheet HTML 6Page - First Silicon Co., Ltd FC6160 Datasheet HTML 7Page - First Silicon Co., Ltd FC6160 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2012.04.27
2/8
FC6160
Revision No : 0
Typical Application Circuit
Figure 2. Typical Application Circuit of FC6160
Functional Pin Description
Pin Name
Pin Function
VIN
Power is supplied to this device from this pin which is required an input filter capacitor. In general, the input
capacitor in the range of 1µF to 10µF is sufficient.
VOUT
The output supplies power to loads. The output capacitor is required to prevent output voltage from oscillation.
The large output capacitor could reduce output noise, improve stability, and PSRR.
GND
Common ground pin
FB
Output voltage feedback
SHDN
Pull this pin high to enable FC6160 , pull this pin low to shutdown the device



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com