Electronic Components Datasheet Search
  English  ▼

X  

FC6160 Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FC6160
Description  150mA High Voltage Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC6160 Datasheet(HTML) 6 Page - First Silicon Co., Ltd

  FC6160 Datasheet HTML 1Page - First Silicon Co., Ltd FC6160 Datasheet HTML 2Page - First Silicon Co., Ltd FC6160 Datasheet HTML 3Page - First Silicon Co., Ltd FC6160 Datasheet HTML 4Page - First Silicon Co., Ltd FC6160 Datasheet HTML 5Page - First Silicon Co., Ltd FC6160 Datasheet HTML 6Page - First Silicon Co., Ltd FC6160 Datasheet HTML 7Page - First Silicon Co., Ltd FC6160 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2012.04.27
6/8
FC6160
Revision No : 0
Typical Performance Curves (Continued)
0
50
100
150
200
1.230
1.232
1.234
1.236
1.238
1.240
I
LOAD(mA)
-40
-20
0
20
40
60
80
1.220
1.225
1.230
1.235
1.240
1.245
1.250
Tempterature(
OC)
e
g
a
tl
o
v
k
c
a
b
d
e
e
F
.
s
v
e
r
u
t
a
r
e
p
m
e
T
.
1
1
e
r
u
g
i
F
n
o
it
a
l
u
g
e
R
d
a
o
L
.
0
1
e
r
u
g
i
F
-40
-20
0
20
40
60
80
30
40
50
60
70
80
Tempterature(OC
t
n
e
rr
u
C
t
n
e
c
s
e
i
u
Q
.
s
v
e
r
u
t
a
r
e
p
m
e
T
.
2
1
e
r
u
g
i
F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com