Electronic Components Datasheet Search
  English  ▼

X  

FC6160 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FC6160
Description  150mA High Voltage Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC6160 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FC6160 Datasheet HTML 1Page - First Silicon Co., Ltd FC6160 Datasheet HTML 2Page - First Silicon Co., Ltd FC6160 Datasheet HTML 3Page - First Silicon Co., Ltd FC6160 Datasheet HTML 4Page - First Silicon Co., Ltd FC6160 Datasheet HTML 5Page - First Silicon Co., Ltd FC6160 Datasheet HTML 6Page - First Silicon Co., Ltd FC6160 Datasheet HTML 7Page - First Silicon Co., Ltd FC6160 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2012. 04. 27
3/8
FC6160
Revision No : 0
Block Diagram
Figure 3. Block Diagram of FC6160
Absolute Maximum Ratings
● VIN, VOUT, /SHDN------------------------------------------------------------------------------------------- +20V
● FB----------------------------------------------------------------------------------------------------------------- +6V
● Power Dissipation @25
℃, SOT-23-5 (PD)------------------------------------------------------------- +0.4W
●
:
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
e
g
a
k
c
a
P
SOT-23-5 (
θJA)----------------------------------------------------------------------------------- +250℃/W
SOT-23-5 (
θJC)---------------------------------------------------------------------------------- +148℃/W
● Maximum Junction Temperature (TJ)-------------------------------------------------------------------- +150
℃
● Storage Temperature Range (TSTG)---------------------------------------------------------------------- -65
℃ to +150℃
● Lead Temperature (Soldering, 10 sec.) (TLEAD)-------------------------------------------------------- +260
℃
Note1:Stresses beyond those listed under “Absolute Maximum Ratings" may cause permanent damage to the device.
Recommended Operating Conditions
● Input Voltage (VIN)-------------------------------------------------------------------------------------------- +5V to +18V
● Operating Temperature Range (TOPR)------------------------------------------------------------------ -40
℃ to +85℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com