Electronic Components Datasheet Search
  English  ▼

X  

FC6160 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FC6160
Description  150mA High Voltage Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC6160 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FC6160 Datasheet HTML 1Page - First Silicon Co., Ltd FC6160 Datasheet HTML 2Page - First Silicon Co., Ltd FC6160 Datasheet HTML 3Page - First Silicon Co., Ltd FC6160 Datasheet HTML 4Page - First Silicon Co., Ltd FC6160 Datasheet HTML 5Page - First Silicon Co., Ltd FC6160 Datasheet HTML 6Page - First Silicon Co., Ltd FC6160 Datasheet HTML 7Page - First Silicon Co., Ltd FC6160 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2012.04.27
5/8
FC6160
Revision No : 0
Typical Performance Curves
46
8
10
12
14
16
18
20
1 2340
1 2345
1 2350
1 2355
1 2360
V
IN(V)
4
6
8
10
12
14
16
18
20
1.2340
1.2345
1.2350
1.2355
1.2360
V
IN(V)
Figure 4. Line Regulation (IOUT
I(
n
o
it
a
l
u
g
e
R
e
n
i
L
.
5
e
r
u
g
i
F
)
A
m
0
=
OUT=1mA)
4
6
8
10
12
14
16
18
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
IN(V)
4
6
8
10
12
14
16
18
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
IN(V)
Figure 6. Input Voltage vs. Enable ON
Figure 7. Input Voltage vs. Enable OFF
46
8
10
12
14
16
18
20
40
42
44
46
48
50
52
54
56
58
60
V
IN(V)
0
20
40
60
80
100 120 140 160 180 200
0
200
400
600
800
1000
I
LOAD(mA)
Figure 8. Input Voltage vs. Quiescent Current
Figure 9. Output Current vs. Dropout Voltage (V N=12V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com