Electronic Components Datasheet Search
  English  ▼

X  

FC6160 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FC6160
Description  150mA High Voltage Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC6160 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FC6160 Datasheet HTML 1Page - First Silicon Co., Ltd FC6160 Datasheet HTML 2Page - First Silicon Co., Ltd FC6160 Datasheet HTML 3Page - First Silicon Co., Ltd FC6160 Datasheet HTML 4Page - First Silicon Co., Ltd FC6160 Datasheet HTML 5Page - First Silicon Co., Ltd FC6160 Datasheet HTML 6Page - First Silicon Co., Ltd FC6160 Datasheet HTML 7Page - First Silicon Co., Ltd FC6160 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2012.04.27
1/ 8
SEMICONDUCTOR
TECHNICAL DATA
FC6160
Re vis io n No : 0
150mA High Voltage Low Dropout Linear Regulator
Pin Assignments
S5 Package (SOT-23-5)
Figure 1. Pin Assignment of FC6160
Ordering Information
SOT-23-5 Marking
Part Number
Product Code
FC6160S5G
P6=
Description
The FC6160 is a high voltage, low dropout, positive
linear regulator with very low quiescent current.
The precision of feedback reference voltage is within
±1% and output current is up to 150mA.
The FC6160 is designed and optimized to work with
low-value, low cost ceramic capacitors. The FC6160
consumes less than 1uA during shutdown mode,
allowing for flexibility in power management. Besides
its current limit protection and on chip thermal
shutdown features provide protection against any
combination of overload or ambient temperature that
could exceed junction temperature.
The FC6160 is housed in low-profile, space-saving
SOT-23-5 package.
Features
● Operating Voltage from 5V to 18V
● High Power Supply Ripple Rejection at 65dB
● Guaranteed 150mA Output Current
● Very Low Quiescent Current at 70µA
● 1% Initial Accuracy
● Needs Only 1µF Capacitor for Stability
● Thermal Shutdown Protection
● Current Limit Protection
● Active Low Shutdown Control
● Low-ESR Ceramic Capacitor for Output Stability
● RoHS Compliant
Applications
● DSC
● Wireless Devices
● LCD Modules
● Battery Power Systems
● Card Readers
● PDA
G: Green
TR: Tape/Reel
Package Type
S5: SOT-23-5
FC6160
□□□


Similar Part No. - FC6160

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
FC6160 CLIFF-FC6160 Datasheet
1Mb / 2P
Pole Female Socket
FC6160 CLIFF-FC6160 Datasheet
456Kb / 2P
METAL XLR CONNECTORS
FC6160 CLIFF-FC6160 Datasheet
337Kb / 2P
METAL XLR CONNECTORS
More results

Similar Description - FC6160

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
287Kb / 7P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
Low Dropout 150mA Linear Regulator
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
150mA, Micropower, Low Dropout Linear Regulator
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
150mA, Micropower, Low Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
150mA Low Dropout Linear Regulator
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
DUAL 150mA LOW DROPOUT LINEAR REGULATOR
Rev 13.2.2003
logo
Fitipower Integrated Te...
FP6160 FITIPOWER-FP6160 Datasheet
435Kb / 9P
150mA High Voltage Low Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A6141 AITSEMI-A6141 Datasheet
441Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 40V 150mA LOW CONSUMPTION LINEAR REGULATOR
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com