Electronic Components Datasheet Search
  English  ▼

X  

AMC1336 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1336
Description  AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1336 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC1336 Datasheet HTML 20Page - Texas Instruments AMC1336 Datasheet HTML 21Page - Texas Instruments AMC1336 Datasheet HTML 22Page - Texas Instruments AMC1336 Datasheet HTML 23Page - Texas Instruments AMC1336 Datasheet HTML 24Page - Texas Instruments AMC1336 Datasheet HTML 25Page - Texas Instruments AMC1336 Datasheet HTML 26Page - Texas Instruments AMC1336 Datasheet HTML 27Page - Texas Instruments AMC1336 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
CLKIN
DOUT
DOUT
Clearance area,
to be kept free of any
conductive materials
24
AMC1336
SBAS951 – AUGUST 2019
www.ti.com
Product Folder Links: AMC1336
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
Figure 18 shows an example layout that is used on the AMC1336 evaluation module. For best performance,
place the smaller 0.1-µF decoupling capacitors (C7 and C9) as close as possible to the AMC1336 power-supply
pins, followed by the additional C1 and C11 capacitors with a minimum value of 1 µF. The resistors and
capacitors used for the analog input filter (R1, R2, C4, C5, and C8) are placed next to the decoupling capacitors.
Use 1206-size, SMD-type, ceramic decoupling capacitors and route the traces to the AINx pins underneath.
Connect the supply voltage sources in a way that allows the supply current to flow through the pads of the
decoupling capacitors before powering the device.
Consider use of RC filters on the digital clock and data lines to reduce reflections and slew rate that cause
radiated emissions. The AMC1336 evaluation module offers placeholders for RC filters (termed R8 and C13 in
Figure 18) for the CLKIN line, and R7 and C12 for the DOUT line.
10.2 Layout Example
Figure 18. Recommended Layout of the AMC1336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com