Electronic Components Datasheet Search
  English  ▼

X  

AMC1336 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1336
Description  AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1336 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AMC1336 Datasheet HTML 2Page - Texas Instruments AMC1336 Datasheet HTML 3Page - Texas Instruments AMC1336 Datasheet HTML 4Page - Texas Instruments AMC1336 Datasheet HTML 5Page - Texas Instruments AMC1336 Datasheet HTML 6Page - Texas Instruments AMC1336 Datasheet HTML 7Page - Texas Instruments AMC1336 Datasheet HTML 8Page - Texas Instruments AMC1336 Datasheet HTML 9Page - Texas Instruments AMC1336 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
AMC1336
SBAS951 – AUGUST 2019
www.ti.com
Product Folder Links: AMC1336
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Apply creepage and clearance requirements according to the specific equipment isolation standards of an application. Care must be
taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the isolator on the printed
circuit board (PCB) do not reduce this distance. Creepage and clearance on a PCB become equal in certain cases. Techniques such as
inserting grooves, ribs, or both on a PCB are used to help increase these specifications.
(2)
This coupler is suitable for safe electrical insulation only within the safety ratings. Compliance with the safety ratings shall be ensured by
means of suitable protective circuits.
(3)
Testing is carried out in air or oil to determine the intrinsic surge immunity of the isolation barrier.
(4)
Apparent charge is electrical discharge caused by a partial discharge (pd).
(5)
All pins on each side of the barrier are tied together, creating a two-pin device.
6.6 Insulation Specifications
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VALUE
UNIT
GENERAL
CLR
External clearance(1)
Shortest pin-to-pin distance through air
≥ 8.5
mm
CPG
External creepage(1)
Shortest pin-to-pin distance across the package surface
≥ 8.5
mm
DTI
Distance through insulation
Minimum internal gap (internal clearance) of the double insulation
(2 × 0.0105 mm)
≥ 0.021
mm
CTI
Comparative tracking index
DIN EN 60112 (VDE 0303-11); IEC 60112
≥ 600
V
Material group
According to IEC 60664-1
I
Overvoltage category
per IEC 60664-1
Rated mains voltage
≤ 600 VRMS
I-IV
Rated mains voltage
≤ 1000 VRMS
I-III
DIN V VDE V 0884-11 (VDE V 0884-11): 2017-01(2)
VIORM
Maximum repetitive peak
isolation voltage
At AC voltage
2121
VPK
VIOWM
Maximum-rated isolation
working voltage
At AC voltage (sine wave); see Figure 5
1500
VRMS
At DC voltage
2121
VDC
VIOTM
Maximum transient
isolation voltage
VTEST = VIOTM, t = 60 s (qualification test)
7071
VPK
VTEST = 1.2 × VIOTM, t = 1 s (100% production test)
8485
VIOSM
Maximum surge
isolation voltage(3)
Test method per IEC 60065, 1.2/50-µs waveform,
VTEST = 1.6 × VIOSM = 12800 VPK (qualification)
8000
VPK
qpd
Apparent charge(4)
Method a, after input/output safety test subgroup 2 / 3,
Vini = VIOTM, tini = 60 s, Vpd(m) = 1.2 × VIORM = 2545 VPK, tm = 10 s
≤ 5
pC
Method a, after environmental tests subgroup 1,
Vini = VIOTM, tini = 60 s, Vpd(m) = 1.6 × VIORM = 3394 VPK, tm = 10 s
≤ 5
Method b1, at routine test (100% production) and preconditioning (type test),
Vini = VIOTM, tini = 1 s, Vpd(m) = 1.875 × VIORM = 3977 VPK, tm = 1 s
≤ 5
CIO
Barrier capacitance,
input to output(5)
VIO = 0.5 VPP at 1 MHz
~1
pF
RIO
Insulation resistance,
input to output(5)
VIO = 500 V at TA = 25°C
> 1012
Ω
VIO = 500 V at 100°C ≤ TA ≤ 125°C
> 1011
VIO = 500 V at TS = 150°C
> 109
Pollution degree
2
Climatic category
55/125/21
UL1577
VISO
Withstand isolation voltage
VTEST = VISO = 5000 VRMS or 7071 VDC, t = 60 s (qualification),
VTEST = 1.2 × VISO = 6000 VRMS, t = 1 s (100% production test)
5000
VRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com