Electronic Components Datasheet Search
  English  ▼

X  

AMC1336 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1336
Description  AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1336 Datasheet(HTML) 3 Page - Texas Instruments

  AMC1336 Datasheet HTML 1Page - Texas Instruments AMC1336 Datasheet HTML 2Page - Texas Instruments AMC1336 Datasheet HTML 3Page - Texas Instruments AMC1336 Datasheet HTML 4Page - Texas Instruments AMC1336 Datasheet HTML 5Page - Texas Instruments AMC1336 Datasheet HTML 6Page - Texas Instruments AMC1336 Datasheet HTML 7Page - Texas Instruments AMC1336 Datasheet HTML 8Page - Texas Instruments AMC1336 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
1
AVDD
8
DVDD
2
AINP
7
CLKIN
3
AINN
6
DOUT
4
AGND
5
DGND
Not to scale
3
AMC1336
www.ti.com
SBAS951 – AUGUST 2019
Product Folder Links: AMC1336
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
DWV Package
8-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
AVDD
—
Analog (high-side) power supply, 3.0 V to 5.5 V.
See the Power Supply Recommendations section for decoupling recommendations.
2
AINP
I
Noninverting analog input
3
AINN
I
Inverting analog input
4
AGND
—
Analog (high-side) ground reference
5
DGND
—
Digital (controller-side) ground reference
6
DOUT
O
Modulator bitstream output, updated with the rising edge of the clock signal present on CLKIN. Use the rising
edge of the clock to latch the modulator bitstream at the input of the digital filter device.
7
CLKIN
I
Modulator clock input: 9 MHz to 21 MHz with internal pulldown resistor (typical value: 200 kΩ). The clock signal
must be applied continuously for proper device operation; see the Clock Input section for additional details.
8
DVDD
—
Digital (controller-side) power supply, 2.7 V to 5.5 V.
See the Power Supply Recommendations section for decoupling recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com