Electronic Components Datasheet Search
  English  ▼

X  

AMC1336 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1336
Description  AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1336 Datasheet(HTML) 5 Page - Texas Instruments

  AMC1336 Datasheet HTML 1Page - Texas Instruments AMC1336 Datasheet HTML 2Page - Texas Instruments AMC1336 Datasheet HTML 3Page - Texas Instruments AMC1336 Datasheet HTML 4Page - Texas Instruments AMC1336 Datasheet HTML 5Page - Texas Instruments AMC1336 Datasheet HTML 6Page - Texas Instruments AMC1336 Datasheet HTML 7Page - Texas Instruments AMC1336 Datasheet HTML 8Page - Texas Instruments AMC1336 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
AMC1336
www.ti.com
SBAS951 – AUGUST 2019
Product Folder Links: AMC1336
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
AMC1336
UNIT
DWV (SOIC)
8 PINS
RθJA
Junction-to-ambient thermal resistance
112.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
47.6
°C/W
RθJB
Junction-to-board thermal resistance
60
°C/W
ψJT
Junction-to-top characterization parameter
23.1
°C/W
ψJB
Junction-to-board characterization parameter
60
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
6.5 Power Ratings
PARAMETER
TEST CONDITIONS
VALUE
UNIT
PD
Maximum power dissipation (both sides)
AVDD = DVDD = 5.5 V
88
mW
AVDD = DVDD = 3.6 V
50.4
PD1
Maximum power dissipation (high-side supply)
AVDD = 5.5 V
55
mW
AVDD = 3.6 V
32.4
PD2
Maximum power dissipation (controller-side supply)
DVDD = 5.5 V
33
mW
DVDD = 3.6 V
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com