Electronic Components Datasheet Search
  English  ▼

X  

AMC1336 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1336
Description  AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1336 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC1336 Datasheet HTML 6Page - Texas Instruments AMC1336 Datasheet HTML 7Page - Texas Instruments AMC1336 Datasheet HTML 8Page - Texas Instruments AMC1336 Datasheet HTML 9Page - Texas Instruments AMC1336 Datasheet HTML 10Page - Texas Instruments AMC1336 Datasheet HTML 11Page - Texas Instruments AMC1336 Datasheet HTML 12Page - Texas Instruments AMC1336 Datasheet HTML 13Page - Texas Instruments AMC1336 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Stress Voltage (VRMS)
500
1500 2500 3500 4500 5500 6500 7500 8500 9500
1.E+1
1.E+2
1.E+3
1.E+4
1.E+5
1.E+6
1.E+7
1.E+8
1.E+9
1.E+10
1.E+11
Safety Margin Zone: 1800 VRMS, 254 Years
Operating Zone: 1500 VRMS, 135 Years
20%
87.5%
TDDB Line (<1 PPM Fail Rate)
TA (°C)
0
50
100
150
200
0
100
200
300
400
500
D001
AVDD = DVDD = 3.6 V
AVDD = DVDD = 5.5 V
TA (°C)
0
50
100
150
200
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
D002
10
AMC1336
SBAS951 – AUGUST 2019
www.ti.com
Product Folder Links: AMC1336
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6.11 Insulation Characteristics Curves
Figure 3. Thermal Derating Curve for Safety-Limiting
Current per VDE
Figure 4. Thermal Derating Curve for Safety-Limiting
Power per VDE
TA up to 150°C, stress-voltage frequency = 60 Hz,
isolation working voltage = 1500 VRMS, operating lifetime = 135 years
Figure 5. Reinforced Isolation Capacitor Lifetime Projection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com