Electronic Components Datasheet Search
  English  ▼

X  

AMC1336 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1336
Description  AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1336 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC1336 Datasheet HTML 7Page - Texas Instruments AMC1336 Datasheet HTML 8Page - Texas Instruments AMC1336 Datasheet HTML 9Page - Texas Instruments AMC1336 Datasheet HTML 10Page - Texas Instruments AMC1336 Datasheet HTML 11Page - Texas Instruments AMC1336 Datasheet HTML 12Page - Texas Instruments AMC1336 Datasheet HTML 13Page - Texas Instruments AMC1336 Datasheet HTML 14Page - Texas Instruments AMC1336 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Band-Gap
Reference
DOUT
CLKIN
DVDD
DGND
AINP
AINN
AMC1336
AVDD
Diagnostic
û Modulator
AGND
AVDD
Reinforced
Isolation
Barrier
Charge
Pump
11
AMC1336
www.ti.com
SBAS951 – AUGUST 2019
Product Folder Links: AMC1336
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The differential analog input (comprised of input signals AINP and AINN) of the AMC1336 is a chopper-stabilized
buffer, followed by the switched-capacitor input of a second-order, delta-sigma (ΔΣ) modulator stage that digitizes
the input signal into a 1-bit output stream. The data output DOUT of the converter provides a stream of digital
ones and zeros that is synchronous to the externally provided clock source at the CLKIN pin with a frequency in
the range of 9 MHz to 21 MHz. The time average of this serial bitstream output is proportional to the analog input
voltage. The Functional Block Diagram section shows a detailed block diagram of the AMC1336. The 1.6-GΩ
differential input resistance of the analog input stage supports low gain-error signal sensing in high-voltage
applications using resistive dividers. The external clock input simplifies the synchronization of multiple current-
sensing channels on the system level.
The silicon-dioxide (SiO2)-based capacitive isolation barrier supports a high level of magnetic field immunity, as
described in the ISO72x Digital Isolator Magnetic-Field Immunity application report, available for download at
www.ti.com.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Analog Input
The AMC1336 incorporates front-end circuitry that contains a buffered sampling stage, followed by a ΔΣ
modulator. To support a bipolar input range with a unipolar high-side supply AVDD, the device uses a charge
pump to simplify the overall system design and minimize circuit cost. For reduced offset and offset drift, the input
buffer is chopper-stabilized with the switching frequency set at fCLKIN / 32. Figure 6 illustrates the spur created by
the switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com