Electronic Components Datasheet Search
  English  ▼

X  

82801DB Datasheet(PDF) 14 Page - Intel Corporation

Part # 82801DB
Description  Intel 82801DB I/O Controller Hub 4 (ICH4)
PDF  587 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801DB Datasheet(HTML) 14 Page - Intel Corporation

Back Button 82801DB Datasheet HTML 10Page - Intel Corporation 82801DB Datasheet HTML 11Page - Intel Corporation 82801DB Datasheet HTML 12Page - Intel Corporation 82801DB Datasheet HTML 13Page - Intel Corporation 82801DB Datasheet HTML 14Page - Intel Corporation 82801DB Datasheet HTML 15Page - Intel Corporation 82801DB Datasheet HTML 16Page - Intel Corporation 82801DB Datasheet HTML 17Page - Intel Corporation 82801DB Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 587 page
background image
14
Intel® 82801DB ICH4 Datasheet
(USB—D29:F0/F1/F2) .................................................................... 404
11.1.16 USB_LEGKEY—USB Legacy Keyboard/Mouse Control Register
(USB—D29:F0/F1/F2) .................................................................... 405
11.1.17 USB_RES—USB Resume Enable Register
(USB—D29:F0/F1/F2) .................................................................... 406
11.2
USB I/O Registers ....................................................................................... 407
11.2.1 USBCMD—USB Command Register ............................................. 408
11.2.2 USBSTS—USB Status Register ..................................................... 411
11.2.3 USBINTR—Interrupt Enable Register............................................. 412
11.2.4 FRNUM—Frame Number Register................................................. 412
11.2.5 FRBASEADD—Frame List Base Address ...................................... 413
11.2.6 SOFMOD—Start of Frame Modify Register.................................... 414
11.2.7 PORTSC[0,1]—Port Status and Control Register........................... 415
12
EHCI Controller Registers (D29:F7) .......................................................... 417
12.1
USB EHCI Configuration Registers (D29:F7) .............................................. 417
12.1.1 VID—Vendor ID Register (USB EHCI—D29:F7) ............................ 418
12.1.2 DID—Device ID Register (USB EHCI—D29:F7) ............................ 418
12.1.3 PCICMD—PCI Command Register (USB EHCI—D29:F7) ............ 419
12.1.4 PCISTS—PCI Device Status Register (USB EHCI—D29:F7) ........ 420
12.1.5 REVID—Revision ID Register (USB EHCI—D29:F7)..................... 420
12.1.6 PI—Programming Interface Register (USB EHCI—D29:F7) .......... 421
12.1.7 SCC—Sub Class Code Register (USB EHCI—D29:F7)................. 421
12.1.8 BCC—Base Class Code Register (USB EHCI—D29:F7)............... 421
12.1.9 MLT— PCI Master Latency Timer Register (USB EHCI—D29:F7) 421
12.1.10 MEM_BASE—Memory Base Address Register
(USB EHCI—D29:F7) ..................................................................... 422
12.1.11 SVID—USB EHCI Subsystem Vendor ID Register
(USB EHCI—D29:F7) ..................................................................... 422
12.1.12 SID—USB EHCI Subsystem ID Register (USB EHCI—D29:F7).... 422
12.1.13 CAP_PTR—Capabilities Pointer Register (USB EHCI—D29:F7)... 423
12.1.14 INT_LN—Interrupt Line Register (USB EHCI—D29:F7)................. 423
12.1.15 INT_PN—Interrupt Pin Register (USB EHCI—D29:F7).................. 423
12.1.16 PWR_CAPID—PCI Power Management Capability ID Register
(USB EHCI—D29:F7) ..................................................................... 423
12.1.17 NXT_PTR1—Next Item Pointer #1 Register
(USB EHCI—D29:F7) ..................................................................... 424
12.1.18 PWR_CAP—Power Management Capabilities Register
(USB EHCI—D29:F7) ..................................................................... 424
12.1.19 PWR_CNTL_STS—Power Management Control/Status Register (USB
EHCI—D29:F7)............................................................................... 425
12.1.20 DEBUG_CAPID—Debug Port Capability ID Register
(USB EHCI—D29:F7) ..................................................................... 425
12.1.21 NXT_PTR2—Next Item Pointer #2 Register
(USB EHCI—D29:F7) ..................................................................... 426
12.1.22 DEBUG_BASE—Debug Port Base Offset Register
(USB EHCI—D29:F7) ..................................................................... 426
12.1.23 USB_RELNUM—USB Release Number Register
(USB EHCI—D29:F7) ..................................................................... 426
12.1.24 FL_ADJ—Frame Length Adjustment Register
(USB EHCI—D29:F7) ..................................................................... 427
12.1.25 PWAKE_CAP—Port Wake Capability Register
(USB EHCI—D29:F7) ..................................................................... 427



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com