Electronic Components Datasheet Search
  English  ▼

X  

82801DB Datasheet(PDF) 48 Page - Intel Corporation

Part # 82801DB
Description  Intel 82801DB I/O Controller Hub 4 (ICH4)
PDF  587 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801DB Datasheet(HTML) 48 Page - Intel Corporation

Back Button 82801DB Datasheet HTML 44Page - Intel Corporation 82801DB Datasheet HTML 45Page - Intel Corporation 82801DB Datasheet HTML 46Page - Intel Corporation 82801DB Datasheet HTML 47Page - Intel Corporation 82801DB Datasheet HTML 48Page - Intel Corporation 82801DB Datasheet HTML 49Page - Intel Corporation 82801DB Datasheet HTML 50Page - Intel Corporation 82801DB Datasheet HTML 51Page - Intel Corporation 82801DB Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 587 page
background image
48
Intel® 82801DB ICH4 Datasheet
Signal Description
2.12
SMBus Interface
2.13
System Management Interface
RCIN#
I
Keyboard Controller Reset CPU: The keyboard controller can generate INIT#
to the processor. This saves the external OR gate with the ICH4’s other
sources of INIT#. When the ICH4 detects the assertion of this signal, INIT# is
generated for 16 PCI clocks.
NOTE: The ICH4 ignores RCIN# assertion during transitions to the S3, S4
and S5 states.
A20GATE
I
A20 Gate: A20GATE is from the keyboard controller. The signal acts as an
alternative method to force the A20M# signal active. It saves the external OR
gate needed with various other PCIsets.
CPUPWRGD
OD
CPU Power Good: This signal should be connected to the processor’s
PWRGOOD input. This is an open-drain output signal (external pull-up resistor
required) that represents a logical AND of the ICH4’s PWROK and
VRMPWRGD signals.
Table 2-12. SM Bus Interface Signals
Name
Type
Description
SMBDATA
I/OD
SMBus Data: External pull-up is required.
SMBCLK
I/OD
SMBus Clock: External pull-up is required.
SMBALERT#/
GPIO[11]
I
SMBus Alert: This signal is used to wake the system or generate SMI#. If not
used for SMBALERT#, it can be used as a GPI.
Table 2-13. System Management Interface Signals
Name
Type
Description
INTRUDER#
I
Intruder Detect: This signal can be set to disable the system if the box is
detected open. This signal’s status is readable, so it can be used like a GPI if
the Intruder Detection is not needed.
SMLINK[1:0]
I/OD
System Management Link: SMBus link to optional external system
management ASIC or LAN controller. External pull-ups are required. Note that
SMLINK[0] corresponds to an SMBus Clock signal and SMLINK[1]
corresponds to an SMBus Data signal.
Table 2-11. Processor Interface Signals (Sheet 2 of 2)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com