Electronic Components Datasheet Search
  English  ▼

X  

82801DB Datasheet(PDF) 46 Page - Intel Corporation

Part # 82801DB
Description  Intel 82801DB I/O Controller Hub 4 (ICH4)
PDF  587 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801DB Datasheet(HTML) 46 Page - Intel Corporation

Back Button 82801DB Datasheet HTML 42Page - Intel Corporation 82801DB Datasheet HTML 43Page - Intel Corporation 82801DB Datasheet HTML 44Page - Intel Corporation 82801DB Datasheet HTML 45Page - Intel Corporation 82801DB Datasheet HTML 46Page - Intel Corporation 82801DB Datasheet HTML 47Page - Intel Corporation 82801DB Datasheet HTML 48Page - Intel Corporation 82801DB Datasheet HTML 49Page - Intel Corporation 82801DB Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 587 page
background image
46
Intel® 82801DB ICH4 Datasheet
Signal Description
2.10
Power Management Interface
Table 2-10. Power Management Interface Signals
Name
Type
Description
THRM#
I
Thermal Alarm: This is an active low signal generated by external hardware to
start the hardware clock throttling mode. The signal can also generate an SMI#
or an SCI.
THRMTRIP#
I
Thermal Trip: When low, THRMTRIP# indicates that a thermal trip from the
processor occurred; the Intel® ICH4 will immediately transition to a S5 state.
The ICH4 will not wait for the processor stop grant cycle since the processor
has overheated.
SLP_S3#
O
S3 Sleep Control: SLP_S3# is for power plane control. It shuts off power to all
non-critical systems when in S3 (Suspend To RAM), S4 (Suspend to Disk), or
S5 (Soft Off) states.
SLP_S4#
O
S4 Sleep Control: SLP_S4# is for power plane control. It shuts power to all
non-critical systems when in the S4 (Suspend to Disk) or S5 (Soft Off) state.
SLP_S5#
O
S5 Sleep Control: SLP_S5# is for power plane control. The signal is used to
shut power off to all non-critical systems when in the S5 (Soft Off) states.
PWROK
I
Power OK: When asserted, PWROK is an indication to the ICH4 that core
power and PCICLK have been stable for at least 1 ms. PWROK can be driven
asynchronously. When PWROK is negated, the ICH4 asserts PCIRST#.
NOTE: PWROK must deassert for a minimum of 3 RTC clock periods for the
ICH4 to fully reset the power and properly generate the PCIRST#
output
PWRBTN#
I
Power Button: The Power Button causes SMI# or SCI to indicate a system
request to go to a sleep state. If the system is already in a sleep state, this
signal causes a wake event. If PWRBTN# is pressed for more than 4 seconds,
this causes an unconditional transition (power button override) to the S5 state
with only the PWRBTN# available as a wake event. Override occurs even if the
system is in the S1–S4 states. This signal has an internal pull-up resistor.
RI#
I
Ring Indicate: This signal is an input from the modem interface. It can be
enabled as a wake event, and this is preserved across power failures.
SYS_RESET#
I
System Reset: This pin forces an internal reset after being debounced. The
ICH4 will reset immediately if the SMBus is idle; otherwise, it will wait up to
25 ms ± 2 ms for the SMBus to idle before forcing a reset on the system.
RSMRST#
I
Resume Well Reset: This signal is used for resetting the resume power plane
logic.
LAN_RST#
I
LAN Reset: This signal must be asserted at least 10 ms after the resume well
power (VccSus3_3 and VccSus1_5) is valid. When deasserted, this signal is
an indication that the resume well power is stable.
SUS_STAT# /
LPCPD#
O
Suspend Status: This signal is asserted by the ICH4 to indicate that the
system will be entering a low power state soon. This can be monitored by
devices with memory that need to switch from normal refresh to suspend
refresh mode. It can also be used by other peripherals as an indication that
they should isolate their outputs that may be going to powered-off planes. This
signal is called LPCPD# on the LPC I/F.
SUSCLK
O
Suspend Clock: Output of the RTC generator circuit to use by other chips for
refresh clock.
VRMPWRGD
I
VRM Power Good: This should be connected to be the processor’s VRM
Power Good.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com