Electronic Components Datasheet Search
  English  ▼

X  

82801DB Datasheet(PDF) 45 Page - Intel Corporation

Part # 82801DB
Description  Intel 82801DB I/O Controller Hub 4 (ICH4)
PDF  587 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801DB Datasheet(HTML) 45 Page - Intel Corporation

Back Button 82801DB Datasheet HTML 41Page - Intel Corporation 82801DB Datasheet HTML 42Page - Intel Corporation 82801DB Datasheet HTML 43Page - Intel Corporation 82801DB Datasheet HTML 44Page - Intel Corporation 82801DB Datasheet HTML 45Page - Intel Corporation 82801DB Datasheet HTML 46Page - Intel Corporation 82801DB Datasheet HTML 47Page - Intel Corporation 82801DB Datasheet HTML 48Page - Intel Corporation 82801DB Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 587 page
background image
Intel® 82801DB ICH4 Datasheet
45
Signal Description
2.9
USB Interface
Table 2-9. USB Interface Signals
Name
Type
Description
USBP0P,
USBP0N,
USBP1P,
USBP1N
I/O
Universal Serial Bus Port 1:0 Differential: These differential pairs are used to
transmit data/address/command signals for ports 0 and 1. These ports can be
routed to USB UHCI controller #1 or the USB EHCI controller.
NOTE: No external resistors are required on these signals. The Intel® ICH4
integrates 15 k
Ω pull-downs and provides an output driver impedance
of 45
Ω which requires no external series resistor
USBP2P,
USBP2N,
USBP3P,
USBP3N
I/O
Universal Serial Bus Port 3:2 Differential: These differential pairs are used to
transmit data/address/command signals for ports 2 and 3. These ports can be
routed to USB UHCI controller #2 or the USB EHCI controller.
NOTE: No external resistors are required on these signals. The ICH4
integrates 15 k
Ω pull-downs and provides an output driver impedance
of 45
Ω which requires no external series resistor
USBP4P,
USBP4N,
USBP5P,
USBP5N
I/O
Universal Serial Bus Port 5:4 Differential: These differential pairs are used to
transmit data/address/command signals for ports 4 and 5. These ports can be
routed to USB UHCI controller #3 or the USB EHCI controller.
NOTE: No external resistors are required on these signals. The ICH4
integrates 15 k
Ω pull-downs and provides an output driver impedance
of 45
Ω which requires no external series resistor
OC[5:0]#
I
Overcurrent Indicators: These signals set corresponding bits in the USB
controllers to indicate that an overcurrent condition has occurred.
USBRBIAS
O
USB Resistor Bias: Analog connection point for an external resistor to ground.
USBRBIAS should be connected to USBRBIAS# as close to the resistor as
possible.
USBRBIAS#
I
USB Resistor Bias Complement: Analog connection point for an external
resistor to ground. USBRBIAS# should be connected to USBRBIAS as close to
the resistor as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com