Electronic Components Datasheet Search
  English  ▼

X  

82801DB Datasheet(PDF) 53 Page - Intel Corporation

Part # 82801DB
Description  Intel 82801DB I/O Controller Hub 4 (ICH4)
PDF  587 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801DB Datasheet(HTML) 53 Page - Intel Corporation

Back Button 82801DB Datasheet HTML 49Page - Intel Corporation 82801DB Datasheet HTML 50Page - Intel Corporation 82801DB Datasheet HTML 51Page - Intel Corporation 82801DB Datasheet HTML 52Page - Intel Corporation 82801DB Datasheet HTML 53Page - Intel Corporation 82801DB Datasheet HTML 54Page - Intel Corporation 82801DB Datasheet HTML 55Page - Intel Corporation 82801DB Datasheet HTML 56Page - Intel Corporation 82801DB Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 587 page
background image
Intel® 82801DB ICH4 Datasheet
53
Signal Description
2.20
Pin Straps
2.20.1
Functional Straps
The following signals are used for static configuration. They are sampled at the rising edge of
PWROK to select configurations, and then revert later to their normal usage. To invoke the
associated mode, the signal should be driven at least four PCI clocks prior to the time it is sampled.
Table 2-20. Functional Strap Definitions
Signal
Usage
When Sampled
Comment
AC_SDOUT
Safe Mode
Rising Edge of
PWROK
The signal has a weak internal pull-down. If the
signal is sampled high, the Intel® ICH4 will set the
processor speed strap pins for safe mode. Refer to
processor specification for speed strapping
definition. The status of this strap is readable via the
SAFE_MODE bit (bit 2, D31: F0, Offset D4h).
EE_DOUT
Reserved
System designers should include a placeholder for a
pull-down resistor on EE_DOUT but do not
populate the resistor.
GNT[A]#
Top-Block Swap
Override
Rising Edge of
PWROK
The signal has a weak internal pull-up. If the signal
is sampled low, this indicates that the system is
strapped to the “top-block swap” mode (ICH4 will
invert A16 for all cycles targeting FWH BIOS space).
The status of this strap is readable via the
Top_Swap bit (bit 13, D31: F0, Offset D4h). Note
that software will not be able to clear the Top-Swap
bit until the system is rebooted without GNT[A]#
being pulled down.
DPRSLPVR
Hub Interface
Termination
Scheme
(correlated to
HICOMP)
Rising Edge of
PWROK
Low (default): Hub Interface 1.0 series or Hub
Interface 1.5 parallel termination
High (external pull-up to VccHI): Not supported by
ICH4
See the specific platform design guide for resistor
values and routing guidelines for each hub interface
mode
HICOMP
Hub Interface
SCHEME (HI 1.0
vs. HI 1.5)
Rising Edge of
PWROK
Low (default due to weak internal pull-down): Hub
Interface 1.0 buffer mode (series termination) will be
selected.
High (external pullup to VccHI): Hub Interface 1.5
buffer mode (parallel termination) will be selected.
See the specific platform design guide for resistor
values and routing guidelines for each hub interface
mode.
SPKR
No Reboot
Rising Edge of
PWROK
The signal has a weak internal pull-down. If the
signal is sampled high, this indicates that the system
is strapped to the “No Reboot” mode (ICH4 will
disable the TCO Timer system reboot feature). The
status of this strap is readable via the NO_REBOOT
bit (bit 1, D31: F0, Offset D4h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com