Electronic Components Datasheet Search
  English  ▼

X  

82801DB Datasheet(PDF) 3 Page - Intel Corporation

Part # 82801DB
Description  Intel 82801DB I/O Controller Hub 4 (ICH4)
PDF  587 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801DB Datasheet(HTML) 3 Page - Intel Corporation

  82801DB Datasheet HTML 1Page - Intel Corporation 82801DB Datasheet HTML 2Page - Intel Corporation 82801DB Datasheet HTML 3Page - Intel Corporation 82801DB Datasheet HTML 4Page - Intel Corporation 82801DB Datasheet HTML 5Page - Intel Corporation 82801DB Datasheet HTML 6Page - Intel Corporation 82801DB Datasheet HTML 7Page - Intel Corporation 82801DB Datasheet HTML 8Page - Intel Corporation 82801DB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 587 page
background image
Intel® 82801DB ICH4 Datasheet
3
Intel® 82801DB ICH4 Features
s
PCI Bus Interface
— Supports PCI Revision 2.2 Specification at
33 MHz
— 133 MB/sec maximum throughput
— Supports up to six master devices on PCI
— One PCI REQ/GNT pair can be given higher
arbitration priority (intended for external 1394
host controller)
— Support for 44-bit addressing on PCI using DAC
protocol
s
Integrated LAN Controller
— WfM 2.0 and IEEE 802.3 compliant
— LAN Connect Interface (LCI)
— 10/100 Mbit/sec ethernet support
s
Integrated IDE Controller
— Supports “Native Mode” register and interrupts
— Independent timing of up to 4 drives, with separate
primary and secondary IDE cable connections
— Ultra ATA/100/66/33, BMIDE and PIO modes
— Tri-state modes to enable swap bay
s
USB
— Includes three UHCI host controllers that support
six external ports
— New: Includes one EHCI high-speed USB 2.0
Host Controller that supports all six ports
— New: Supports a USB 2.0 high-speed debug port
— Supports wake-up from sleeping states S1–S5
— Supports legacy keyboard/mouse software
s
AC-Link for Audio and Telephony CODECs
— Supports AC ’97 2.3
— New: Third AC_SDATA_IN line for three codec
support
— New: Independent bus master logic for seven
channels (PCM In/Out, Mic 1 input, Mic 2 input,
modem
in/out, S/PDIF out)
— Separate independent PCI functions for audio and
modem
— Support for up to six channels of PCM audio
output (full AC3 decode)
— Supports wake-up events
s
Interrupt Controller
— Support up to eight PCI interrupt pins
— Supports PCI 2.2 message signaled interrupts
— Two cascaded 82C59 with 15 interrupts
— Integrated I/O APIC capability with 24 interrupts
— Supports serial interrupt protocol
— Supports processor system bus interrupt delivery
s
New: 1.5 V operation with 3.3 V I/O
— 5 V tolerant buffers on IDE, PCI, USB over-
current and legacy signals
s
Timers Based on 82C54
— System timer, refresh request, speaker tone output
s
Power Management Logic
— ACPI 2.0 compliant
— ACPI-defined power states (C1–C2, S3–S5 )
— Supports Desktop S1 state (like C2 state, only
STPCLK# active)
— ACPI power management timer
— PCI PME# support
— SMI# generation
— All registers readable/restorable for proper resume
from 0 V suspend states
s
External Glue Integration
— Integrated pull-up, pull-down and series
termination resistors on IDE, processor interface
— Integrated Pull-down and Series resistors on USB
s
Enhanced Hub Interface Buffers Improve Routing
flexibility (Not available with all Memory Controller
Hubs)
s
Firmware Hub (FWH) Interface Supports BIOS
memory size up to 8 MB
s
Low Pin Count (LPC) Interface
— Supports two Master/DMA devices.
s
Enhanced DMA Controller
— Two cascaded 8237 DMA controllers
— PCI DMA: Supports PC/PCI — Includes two
PC/PCI REQ#/GNT# pairs
— Supports LPC DMA
— Supports DMA collection buffer to provide
Type-F DMA performance for all DMA channels
s
Real-Time Clock
— 256-byte battery-backed CMOS RAM
s
System TCO Reduction Circuits
— Timers to generate SMI# and Reset upon detection
of system hang
— Timers to detect improper processor reset
— Supports ability to disable external devices
s
SMBus
— New: Hardware packet error checking
— New: Supports SMBus 2.0 Specification
— Host interface allows processor to communicate
via SMBus
— Slave interface allows an external microcontroller
to access system resources
— Compatible with most 2-wire components that are
also I2C compatible
s
GPIO
— TTL, open-drain, inversion
s
Package 31x31 mm 421 BGA
The Intel® 82801DB ICH4 may contain design defects or errors known as errata which may cause the products to deviate from
published specifications. Current characterized errata are available on request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com