Electronic Components Datasheet Search
  English  ▼

X  

CBM708 Datasheet(PDF) 3 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM708
Description  OPERATION INSTRUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM708 Datasheet(HTML) 3 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBM708 Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
www.corebai.com
CBM705/CBM706/CBM707/CBM708
OPERATION INSTRUCTION
SPECIFICATIONS
VCC = 4.75 V to 5.5 V, TA = TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
VCC Operating Voltage Range
1.0
5.5
V
Supply Current
190
250
μA
LOGIC OUTPUT
Reset Threshold
4.5
4.65
4.75
V
CBM705/CBM707
4.25
4.40
4.50
V
CBM706/CBM708
Reset Threshold Hysteresis
40
mV
RESET PULSE WIDTH
160
200
280
ms
RESET OUTPUT VOLTAGE
VCC-1.5
V
ISOURCE = 800 µA
0.4
V
ISINK = 3.2 mA
0.3
V
VCC = 1 V, ISINK = 50 µA
0.3
V
VCC = 1.2 V, ISINK = 100 µA
RESET OUTPUT VOLTAGE
VCC−1.5
V
CBM707/CBM708, ISOURCE = 800 µA
0.4
V
CBM707/CBM708, ISINK = 1.2 mA
WATCHDOG TIMEOUT PERIOD (tWD)
1.00
1.60
2.25
sec
VIL = 0.4 V, VIH = VCC×0.8,WDI = VCC
WDI Pulse Width (tWP)
50
ns
WATCHDOG INPUT
WDI Input Threshold
Logic Low
0.8
V
Logic High
3.5
V
WDI Input Current
50
150
µA
WDI=0V
-150
-50
µA
WDI=0V
WDO OUTPUT VOLTAGE
VCC-1.5
V
ISOURCE = 800µA
0.4
V
ISINK = 1.2mA
MANUAL RESET INPUT
MR Pull-Up Current
100
250
600
µA
MR = 0V
MR Pulse Width
150
ns
MR INPUT THRESHOLD
Logic Low
0.8
V
Logic High
2.0
V
MR TO RESET OUTPUT DELAY
250
ns
POWER FAIL INPUT
PFI Input Threshold
1.2
1.25
1.3
V
PFI Input Current
-25
+0.01
+25
nA
PFO OUTPUT VOLTAGE
VCC-1.5
V
ISOURCE = 800 µA
0.4
V
ISINK = 3.2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com