Electronic Components Datasheet Search
  English  ▼

X  

CBM708 Datasheet(PDF) 9 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM708
Description  OPERATION INSTRUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM708 Datasheet(HTML) 9 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Back Button CBM708 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 10Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 11Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 12Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 13Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
www.corebai.com
CBM705/CBM706/CBM707/CBM708
OPERATION INSTRUCTION
CIRCUIT INFORMATION
POWER FAIL RESET OUTPUT
RESET is an active low output that provides a reset signal to the microprocessor whenever
the VCC input is below the reset threshold. An internal timer holds RESET low for 200 ms after
the voltage on VCC rises above the threshold. This functions as a power-on reset signal for the
microprocessor. It allows time for both the power supply and the microprocessor to stabilize
after power-up. The RESET output is guaranteed to remain valid (low) with VCC as low as 1V. This
ensures that the microprocessor is held in a stable shutdown condition as the power supply
voltage ramps up.
In addition to RESET, an active high RESET output is also available on the CBM707/CBM708.
This is the complement of RESET and is useful for processors requiring an active high reset
signal.
MANUAL RESET
The manual reset input (MR) allows other reset sources, such as a manual reset switch, to
generate a processor reset. The input is effectively debounced by the timeout period (200 ms
typically). The MR input is TTL-/CMOS-compatible, so it can also be driven by any logic reset
output.
Figure 13. RESET, MR, and WDO Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com