Electronic Components Datasheet Search
  English  ▼

X  

CBM708 Datasheet(PDF) 6 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM708
Description  OPERATION INSTRUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM708 Datasheet(HTML) 6 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Back Button CBM708 Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 10Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
www.corebai.com
CBM705/CBM706/CBM707/CBM708
OPERATION INSTRUCTION
Pin Function Descriptions
Mnemonic
Pin Number
Description
CBM705
CBM706
CBM707
CBM708
CBM708
MR
1
1
3
Manual Reset Input. When this pin is taken below 0.8V, a reset is
generated. MR can be driven from TTL, CMOS logic, or from a manual
reset switch as it is internally debounced. An internal 250μA pull-up
current holds the input high when floating.
VCC
2
2
4
5V Power Supply Input. Place a 0.1μF decoupling capacitor between the
VCC and GND pins.
GND
3
3
5
0V Ground Reference for All Signals.
PFI
4
4
6
Power Fail Input. PFI is the noninverting input to the power fail
comparator. When PFI is less than 1.25V, PFO goes low. If unused, PFI
must be connected to GND.
PFO
5
5
7
Power Fail Output. PFO is the output from the power fail comparator. It
goes low when PFI is less than 1.25V.
WDI
6
Not
applicable
Not
applicable
Watchdog Input. WDI is a three-level input. If WDI remains either high or
low for longer than the watchdog timeout period, the watchdog output
(WDO) goes low. The timer resets with each transition at the WDI input.
Either a high to low or a low to high transition clears the counter. The
internal timer is also cleared whenever reset is asserted. The watchdog
timer is disabled when WDI is left floating or connected to a three-state
buffer.
NC
Not
applicable
6
8
No Connect.
RESET
7
7
1
Logic Output. RESET goes low for 200ms when triggered. It can be
triggered either by VCC being below the reset threshold or by a low signal
on the manual reset input ( MR ). RESET remains low whenever VCC is
below the reset threshold (4.65V in CBM705/CBM707, 4.40 V in
CBM706/CBM708). It remains low for 200ms after VCC goes above the
reset threshold or MR goes from low to high. A watchdog timeout does
not trigger RESET unless WDO is connected to MR.
WDO
8
Not
applicable
Not
applicable
Watchdog Output. WDO remains low until the watchdog timer is cleared.
WDO also goes low during low line conditions. Whenever VCC is below the
reset threshold, WDO goes low if the internal WDO remains low. As
soon as VCC goes above the reset threshold, WDO goes high.
RESET
Not
applicable
8
2
Logic Output. RESET is an active high output suitable for systems that use
active high reset logic. It is the inverse of RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com