Electronic Components Datasheet Search
  English  ▼

X  

CBM708 Datasheet(PDF) 14 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM708
Description  OPERATION INSTRUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM708 Datasheet(HTML) 14 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Back Button CBM708 Datasheet HTML 10Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 11Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 12Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 13Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 14Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 15Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 16Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 17Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 18Page - COREBAI Microelectronics (Beijing) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
www.corebai.com
CBM705/CBM706/CBM707/CBM708
OPERATION INSTRUCTION
APPLICATIONS INFORMATION
A typical application circuit is shown in Figure 18. The un-regulated dc input supply is
monitored using PFI via the resistive divider network. Resistor R1 and Resistor R2 must be
selected so when the supply voltage drops below the desired level (such as 8V), the voltage on
PFI drops below the 1.25V threshold, thereby generating an interrupt to the microprocessor.
Monitoring the preregulator input provides additional time to execute an orderly shutdown
procedure before power is lost.
Figure 18. Typical Application Circuit
Microprocessor activity is monitored using WDI. This is driven using an output line from the
processor. The software routines toggle this line at least once every 1.60 seconds. If a problem
occurs and this line is not toggled, WDO goes low and a nonmaskable interrupt is generated.
This interrupt routine can clear the problem.
If in the event of inactivity on the WDI line, a system reset is required, WDO must connect to
MR as shown in Figure 19.
Figure 19. RESET From WDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com