Electronic Components Datasheet Search
  English  ▼

X  

CBM708 Datasheet(PDF) 1 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM708
Description  OPERATION INSTRUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM708 Datasheet(HTML) 1 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBM708 Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
www.corebai.com
CBM705/CBM706/CBM707/CBM708
OPERATION INSTRUCTION
FEATURES
Guaranteed RESET valid with VCC = 1V
190 μA quiescent current
Precision supply voltage monitor
4.65 V (CBM705/CBM707)
4.40 V (CBM706/CBM708)
200 ms reset pulse width
Debounced TTL/CMOS manual reset
input (MR)
Independent watchdog timer
(CBM705/CBM706)
1.60 sec timeout (CBM705/CBM706)
Active high reset output
(CBM707/CBM708)
Voltage monitor for power fail or low
battery warning
Superior upgrade for ADM705 to
ADM708
APPLICATIONS
Microprocessor systems
Computers
Controllers
Intelligent instruments
Critical microprocessor supply
monitoring
GENERAL DESCRIPTION
The CBM705, CBM706, CBM707, CBM708
microprocessor
supervisory
circuits
are
suitable
for
monitoring
5V
power
supplies/batteries
and
microprocessor
activity.
The
CBM705/
CBM706
provide
power-supply
monitoring
circuitry
that
generate a reset output during power-up,
power-down, and brownout conditions. The
reset output remains operational with VCC as
low as 1V. Independent watchdog monitoring
circuitry is also provided. This is activated if
the watchdog input has not been toggled
within 1.60 sec.
In addition, there is a 1.25V threshold
detector to warn of power failures, to detect
low battery conditions, or to monitor an
additional power supply. An active low,
debounced manual reset input ( MR ) is also
included.
The CBM705 and CBM706 are identical
except for the reset threshold monitor levels,
which are 4.65V and 4.40V, respectively.
The CBM707 and CBM708 provide a
similar functionality to the CBM705 and
CBM706 and only differ in that a watchdog
timer function is not available. Instead, an
active high reset output (RESET) is available as
well as the active low reset output ( RESET ).
The CBM707 and CBM708 are identical except
for the reset threshold monitor levels, which
are 4.65V and 4.40V, respectively.
All devices are available in narrow 8-lead
SOIC packages.


Similar Part No. - CBM708

ManufacturerPart #DatasheetDescription
logo
COREBAI Microelectronic...
CBM708R COREBAI-CBM708R Datasheet
2Mb / 19P
OPERATION INSTRUCTION
CBM708RAS8 COREBAI-CBM708RAS8 Datasheet
2Mb / 19P
OPERATION INSTRUCTION
CBM708RMS8 COREBAI-CBM708RMS8 Datasheet
2Mb / 19P
OPERATION INSTRUCTION
CBM708T COREBAI-CBM708T Datasheet
2Mb / 19P
OPERATION INSTRUCTION
CBM708TAS8 COREBAI-CBM708TAS8 Datasheet
2Mb / 19P
OPERATION INSTRUCTION
More results

Similar Description - CBM708

ManufacturerPart #DatasheetDescription
logo
COREBAI Microelectronic...
CBM232 COREBAI-CBM232 Datasheet
839Kb / 9P
OPERATION INSTRUCTION
CBM2003A COREBAI-CBM2003A Datasheet
1Mb / 11P
OPERATION INSTRUCTION
CBM2576-XX COREBAI-CBM2576-XX Datasheet
1Mb / 16P
OPERATION INSTRUCTION
CBM2904 COREBAI-CBM2904 Datasheet
803Kb / 7P
OPERATION INSTRUCTION
CBM3232AS COREBAI-CBM3232AS Datasheet
986Kb / 13P
OPERATION INSTRUCTION
CBM3485A COREBAI-CBM3485A Datasheet
903Kb / 11P
OPERATION INSTRUCTION
CBM8031 COREBAI-CBM8031 Datasheet
1Mb / 12P
OPERATION INSTRUCTION
CBM8511 COREBAI-CBM8511 Datasheet
1Mb / 17P
OPERATION INSTRUCTION
CBM8538 COREBAI-CBM8538 Datasheet
1Mb / 12P
OPERATION INSTRUCTION
CBM8551 COREBAI-CBM8551 Datasheet
1Mb / 16P
OPERATION INSTRUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com