Electronic Components Datasheet Search
  English  ▼

X  

CBM708 Datasheet(PDF) 11 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM708
Description  OPERATION INSTRUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM708 Datasheet(HTML) 11 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Back Button CBM708 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 10Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 11Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 12Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 13Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 14Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 15Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
www.corebai.com
CBM705/CBM706/CBM707/CBM708
OPERATION INSTRUCTION
POWER FAIL COMPARATOR
The power fail comparator is an independent comparator that can monitor the input power
supply. The comparator inverting input is internally connected to a 1.25V reference voltage. The
noninverting input is available at the PFI input. This input can monitor the input power supply via
a resistive divider network. When the voltage on the PFI input drops below 1.25V, the
comparator output (PFO) goes low, indicating a power failure. For early warning of power failure,
the comparator monitors the preregulator input by choosing an appropriate resistive divider
network. The PFO output can interrupt the processor so a shutdown procedure is implemented
before power is lost.
As the voltage on the PFI pin is limited to VCC + 0.3V, it is recommended to connect the PFI
pin with a Schottky diode to the RESET pin as shown in Figure 15. This helps clamping the PFI
pin voltage during device power up and operation.
Figure 15. Power Fail Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com