Electronic Components Datasheet Search
  English  ▼

X  

CBM708 Datasheet(PDF) 15 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM708
Description  OPERATION INSTRUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM708 Datasheet(HTML) 15 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Back Button CBM708 Datasheet HTML 10Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 11Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 12Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 13Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 14Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 15Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 16Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 17Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM708 Datasheet HTML 18Page - COREBAI Microelectronics (Beijing) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15
www.corebai.com
CBM705/CBM706/CBM707/CBM708
OPERATION INSTRUCTION
MONITORING ADDITIONAL SUPPLY LEVELS
It is possible to use the power fail comparator to monitor a second supply as shown in Figure
20. The two sensing resistors, R1 and R2, are selected so the voltage on PFI drops below 1.25V at
the minimum acceptable input supply. PFO can connect to MR so a reset is generated when
the supply drops out of tolerance. In this case, if either supply drops out of tolerance, a reset is
generated.
Figure 20. Monitoring 5 V and an Additional Supply, VX
MICROPROCESSOR WITH BIDIRECTIONAL RESET
To prevent contention for microprocessors with a bidirectional reset line, a current limiting
resistor must be inserted between the CBM705/ CBM706/ CBM707/ CBM708 RESET output pin
and the microprocessor RESET pin. This limits the current to a safe level if there are conflicting
output reset levels. A suitable resistor value is 4.7kΩ. If the reset output is required for other uses,
it must be buffered, as shown in Figure 21.
Figure 21. Bidirectional Input/Output RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com