Electronic Components Datasheet Search
  English  ▼

X  

HMT080ATA Datasheet(PDF) 13 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # HMT080ATA
Description  LCD Module User Manual
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

HMT080ATA Datasheet(HTML) 13 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button HMT080ATA Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 14Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 15Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 16Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 17Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
TOPWAY
SMART LCD Command Manual
Protocol V5.04
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name:SMART LCD Command v5.04 Manual Rev0.2.doc
Page: 3 of 19
1
Basic Specifications
TOPWAY Smart LCD serial command is for real-time control and access. Host machine get the data
which input through the Smart LCD interface or provide the data for display.
1.1 Hardware connection
Smart LCD serial UART interface are mainly base on RS232-C standard, by default, config as 8N1
115200bps.
2
Command Structure
2.1 Communication Packet Structure
Commands and Response Packet should be format as follow (host
module):
Seq
Code
Code type
Description
1
0xAA
Packet header
1byte
2
Cmd-code
Command
code
1byte
3
Par-data
Parameter or
Data
(*1)
:
:
-
-
:
:
-
-
:
:
-
-
N-3 th
0xCC
Packet tail
4byte
N-2 th
0x33
N-1 th
0xC3
N th
0x3C
Note.
*1. Unless otherwise specified,
all the multi-byte values, data, address’ byte sequence are MSB first, LSB last.
2.2 Packet Acknowledgment
Packet Acknowledgment is two byte in ASCII (module
host):
Response
code
Description
Command (in packet) executed and
wait for next Command
":>"
In ASCII
(0x3a, 0x3e)
Command (in packet) error and
wait for next Command
"!>"
In ASCII
(0x21,0x3e)
15B15B15B15B
Note.
*1. Packet Acknowledgement response to a valid packet only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com