Electronic Components Datasheet Search
  English  ▼

X  

HMT080ATA Datasheet(PDF) 16 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # HMT080ATA
Description  LCD Module User Manual
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

HMT080ATA Datasheet(HTML) 16 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button HMT080ATA Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 14Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 15Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 16Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 17Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 18Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 19Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 20Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
TOPWAY
SMART LCD Command Manual
Protocol V5.04
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name:SMART LCD Command v5.04 Manual Rev0.2.doc
Page: 6 of 19
4.2 Config/ Status Function Commands Details
4.2.1
hand_shake ( 0x30 )
seq
Cmd-code / Par-data
Descriptions
1
0x30
Read a Hand Shake
Note.
*1. Command should be transferred in communication packet structure (see Communication Packet Structure Section for details)
Response code:
Seq.
Content
Byte in Hex
Descriptions
1
st
Header
0xAA
Communication packet header
2
nd
Command
0x30
Command executed
3
rd
“T”
0x54
“Topway HMT Ready\0” in ASCII
‘\0’(0x00): string end mark
4
th
“o”
0x6f
5
th
“P”
0x70
6
th
“w”
0x77
7
th
“a”
0x61
8
th
“y”
0x79
9
th
“ “
0x20
10
th
“H”
0x48
11
th
“M”
0x4d
12
th
“T”
0x54
13
th
“ “
0x20
14
th
“R”
0x52
15
th
“e”
0x65
16
th
“a”
0x61
17
th
“d”
0x64
18
th
“y”
0x79
19
th
\0
0x00
20
th
Tail
0xCC
Communication packet tail
21
st
0x33
22
nd
0xC3
23
rd
0x3C
Note.
*1. The Response code with communication packet format (see Communication Packet Structure Section for details)
4.2.2
read_version ( 0x31 )
Seq
Cmd-code / Par-data
Descriptions
1
0x31
Read firmware version
Note.
*1. Command should be transferred in communication packet structure (see Communication Packet Structure Section for details)
Response code:
Seq.
Content
Byte in Hex
Descriptions
1
st
Header
0xAA
Communication packet header
2
nd
Command
0x31
Command executed
3
rd
“1”
0x31
“1.06\0” in ASCII
Where firmware version is V1.06(example)
‘\0’(0x00): string end mark
4
th
“.”
0x2e
5
th
“0”
0x30
6
th
“6”
0x36
7
th
\0
0x00
8
th
Tail
0xCC
Communication packet tail
9
th
0x33
10
th
0xC3
11
th
0x3C
Note.
*1. The Response code with communication packet format (see Communication Packet Structure Section for details)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com