Electronic Components Datasheet Search
  English  ▼

X  

HMT080ATA Datasheet(PDF) 22 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # HMT080ATA
Description  LCD Module User Manual
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

HMT080ATA Datasheet(HTML) 22 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button HMT080ATA Datasheet HTML 18Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 19Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 20Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 21Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 22Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 23Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 24Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 25Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 26Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
TOPWAY
SMART LCD Command Manual
Protocol V5.04
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name:SMART LCD Command v5.04 Manual Rev0.2.doc
Page: 12 of 19
4.3 Display Control Function Commands Details
4.3.1
disp_page ( 0x70 )
seq
Cmd-code / Par-data
Descriptions
1
0x70
Display a pre-stored TML file(page)
2
Page_IDh
Page_ID = 0~999
3
Page_IDl
Note.
*1. Command should be transferred in communication packet structure (see Communication Packet Structure Section for details)
4.3.2
set_element_fg ( 0x7E )
Seq
Cmd-code / Par-data
Descriptions
1
0x7E
Set foreground colors of the STR, N16, N32 or N64
2
Element
0x00 = STR; 0x01 = N16, N32, N64
3
Page_IDh
Page_ID = 0~999
4
Page_IDl
5
Element_ID
VP_STR = 0~127; N16, N32, N64 = 0~119
6
0x00
Reserve
7
FGh
Foreground color(0~0xffff)
8
FGl
Note.
*1. Command should be transferred in communication packet structure (see Communication Packet Structure Section for details)
4.3.3
set_element_bg ( 0x7F )
Seq
Cmd-code / Par-data
Descriptions
1
0x7F
Set background color of the STR, N16, N32 or N64
2
Element
0x00 = STR; 0x01 = N16, N32, N64
3
Page_IDh
Page_ID = 0~999
4
Page_IDl
5
Element_ID
VP_STR = 0~127, N16, N32, N64 = 0~119
6
Mode
0x00: non transparent; 0x01 : transparent
7
BGh
Background color(0 ~ 0xffff)
8
BGl
Note.
*1. Command should be transferred in communication packet structure (see Communication Packet Structure Section for details)
4.3.4
suspend_vp_refresh (0xE8)
Seq
Cmd-code / Par-data
Descriptions
1
0xE8
Set the screen to pause the refresh and deactivate the touchkey or
release the pause to refresh and enable the touchkey
2
55
3
AA
4
5A
5
A5
6
Mode
0x00:
release the pause to refresh and enable the touchkey
0x01: pause the refresh and deactivate the touchkey
Note.
*1. Command should be transferred in communication packet structure (see Communication Packet Structure Section for details)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com