Electronic Components Datasheet Search
  English  ▼

X  

HMT080ATA Datasheet(PDF) 27 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # HMT080ATA
Description  LCD Module User Manual
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

HMT080ATA Datasheet(HTML) 27 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button HMT080ATA Datasheet HTML 22Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 23Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 24Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 25Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 26Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 27Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 28Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 29Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 30Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
TOPWAY
SMART LCD Command Manual
Protocol V5.04
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name:SMART LCD Command v5.04 Manual Rev0.2.doc
Page: 17 of 19
4.4.11 STR_fill ( 0x46 )
Seq
Cmd-code / Par-data
Descriptions
1
0x46
Write string to VP_STR
2
Addr3(MSB)
he VP_STR Address = 0x00000 ~ 0x01FFFF
(each VP_STR = 128 bytes)
(address value must be divisible by 128)
3
Addr2
4
Addr1
5
Addr0(LSB)
6
Lengthh
the number of VP_STR (including the start address) to be filled
Length = 1 ~ 1024
7
Lengthl
8
data
String to write
Total no. of byte in string 128
:
:
:
:
:
‘\0’
‘\0’(0x00):string end mark
Note.
*1. Command should be transferred in communication packet structure (see Communication Packet Structure Section for details)
4.4.12 N16_write ( 0x3D )
Seq
Cmd-code / Par-data
Descriptions
1
0x3D
Write 16bit number to VP_N16
2
Addr3(MSB)
VP_N16 Address = 0x080000 ~ 0x08FFFF
(each VP_N16 = 2 byte)
(address value must be divisible by 2)
3
Addr2
4
Addr1
5
Addr0(LSB)
6
High Byte
The 16 bit value to write
7
Low Byte
Note.
*1. Command should be transferred in communication packet structure (see Communication Packet Structure Section for details)
4.4.13 N16_read ( 0x3E )
Seq
Cmd-code / Par-data
Descriptions
1
0x3E
Read 16bit number from VP_N16
2
Addr3(MSB)
VP_N16 Address = 0x080000 ~ 0x08FFFF
(each VP_N16 = 2 byte)
(address value must be divisible by 2)
3
Addr2
4
Addr1
5
Addr0(LSB)
Note.
*1. Command should be transferred in communication packet structure (see Communication Packet Structure Section for details
Response code:
Seq.
Content
Byte in Hex
Descriptions
1
st
Header
0xAA
Communication packet header
2
nd
Command
0x3E
Command executed
3
rd
N16 value
Data1(MSB)
16 bit value
4
th
Data0(LSB)
5
th
Tail
0xCC
Communication packet tail
6
th
0x33
7
th
0xC3
8
th
0x3C
Note.
*1. The Response code with communication packet format (see Communication Packet Structure Section for details)
4.4.14 N16_fill ( 0x3F )
Seq
Cmd-code / Par-data
Descriptions
1
0x3F
Fill 16bit number to the VP_N16
2
Addr3(MSB)
VP_N16 Address = 0x080000 ~ 0x08FFFF
(each VP_N16 = 2 byte)
(address value must be divisible by 2)
3
Addr2
4
Addr1
5
Addr0(LSB)
6
Lengthh
the number of VP_N16 (including the start address) to be filled
Length = 1 ~ 32768
7
Lengthl
8
High Byte
the 16 bit value to fill
9
Low Byte
Note.
*1. Command should be transferred in communication packet structure (see Communication Packet Structure Section for details)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com