Electronic Components Datasheet Search
  English  ▼

X  

HMT080ATA Datasheet(PDF) 23 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # HMT080ATA
Description  LCD Module User Manual
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

HMT080ATA Datasheet(HTML) 23 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button HMT080ATA Datasheet HTML 19Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 20Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 21Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 22Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 23Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 24Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 25Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 26Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 27Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
TOPWAY
SMART LCD Command Manual
Protocol V5.04
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name:SMART LCD Command v5.04 Manual Rev0.2.doc
Page: 13 of 19
4.4 VP Function Commands Details
4.4.1
Successive_write ( 0x82 )
Seq
Cmd-code / Par-data
Descriptions
1
0x82
Write successive value to VP_N16, VP_N32, VP_N64
2
Addr3(MSB)
VP_N16 Address = 0x080000 ~ 0x08FFFF (should be aligned every 2
byte)
VP_N32 Address = 0x020000 ~ 0x02FFFF (should be aligned every 4
byte)
VP_N64 Address = 0x030000 ~ 0x03FFFF (should be aligned every 8
byte)
3
Addr2
4
Addr1
5
Addr0(LSB)
6
Length
The number of data to write (Length = 1~255)
7
Data 1(MSB)
the value to write
No. of byte of Data:
VP_N16 = Length *2,
VP_N32 = Length *4,
VP_N64 = Length *8,
8
Data 2
9
Data 3
:
:
:
Data n(LSB)
Note.
*1. Command should be transferred in communication packet structure (see Communication Packet Structure Section for details)
4.4.2
Successive_read ( 0x83 )
Seq
Cmd-code / Par-data
Descriptions
1
0x83
Read successive value to VP_N16, VP_N32, VP_N64
2
Addr3(MSB)
VP_N16 Address = 0x080000 ~ 0x08FFFF (should be aligned every 2
byte)
VP_N32 Address = 0x020000 ~ 0x02FFFF (should be aligned every 4
byte)
VP_N64 Address = 0x030000 ~ 0x03FFFF (should be aligned every 8
byte)
3
Addr2
4
Addr1
5
Addr0(LSB)
6
Length
The number of data to write (Length = 1 ~ 255)
Note.
*1. Command should be transferred in communication packet structure (see Communication Packet Structure Section for details)
Response code:
Seq.
Content
Byte in Hex
Descriptions
1
st
Header
0xAA
Communication packet header
2
nd
Command
0x83
Command executed
3
rd
VP_ADD
Addr3(MSB
VP Address
0x080000 ~ 0x08FFFF:VP_N16 Address
0x020000 ~ 0x02FFFF:VP_N32 Address
0x030000 ~ 0x03FFFF:VP_N64 Address
4
th
Addr2
5
th
Addr1
6
th
Addr0(LSB)
7
rd
Length
NO.
No. of data
8
rd
Data
Data n(MSB)
No. of byte of Data:
VP_N16 = Length *2,
VP_N32 = Length *4,
VP_N64 = Length *8,
:
:
:
:
(n-1)
th
Data1
n
th
Data0(LSB)
(n+1)
th
Tail
0xCC
Communication packet tail
(n+2)
th
0x33
(n+3)
th
0xC3
(n+4)
th
0x3C
Note.
*1. The Response code with communication packet format (see Communication Packet Structure Section for details)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com