Electronic Components Datasheet Search
  English  ▼

X  

HMT080ATA Datasheet(PDF) 19 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # HMT080ATA
Description  LCD Module User Manual
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

HMT080ATA Datasheet(HTML) 19 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button HMT080ATA Datasheet HTML 15Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 16Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 17Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 18Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 19Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 20Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 21Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 22Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 23Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
TOPWAY
SMART LCD Command Manual
Protocol V5.04
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name:SMART LCD Command v5.04 Manual Rev0.2.doc
Page: 9 of 19
4.2.6
sel_project ( 0xE1 )
seq
Cmd-code / Par-data
Descriptions
1
0xE1
Select project folder
2
Prj_ID
0~9, project ID
0: System execute the default project “THMT”
1~9: System execute the project “THMT01”~“THMT09”
Note.
*1. Command should be transferred in communication packet structure (see Communication Packet Structure Section for details)
4.2.7
touch_calib ( 0xE4 )
seq
Cmd-code / Par-data
Descriptions
1
0xE4
Touch panel calibration
2
0x55
3
0xAA
4
0x5A
5
0xA5
Note.
*1. Command should be transferred in communication packet structure (see Communication Packet Structure Section for details)
*2. Keep pressing the touch panel during power on, could also trigger the touch_calib function
4.2.8
screen_saver (0x5E)
seq
Cmd-code / Par-data
Descriptions
1
0x5E
Screen saver
2
Time1h
time out time in seconds, range: 0x0000 ~ 0xffff
(0x0000: disable screen saver function) (*2)
3
Time1l
4
PWM_LE
PWM_LE = 0 ~ 0x3F (default 0x19 in dim down),
the backlight dimmed level in screen saving mode (*2)
Screensavers brightness can not be greater than the backlight
brightness.
Note.
*1. Command should be transferred in communication packet structure (see Communication Packet Structure Section for details)
*2. default value defined by TML graphic editor configuration
4.2.9
backlight_ctrl ( 0x5F )
seq
Cmd-code / Par-data
Descriptions
1
0x5F
backlight brightness control
2
PWM_LE
PWM_LE=0x00 ~ 0x3F (*2)
Note.
*1. Command should be transferred in communication packet structure (see Communication Packet Structure Section for details)
*2. default value defined by TML graphic editor configuration
4.2.10 buzzer_touch_sound ( 0x79 )
seq
Cmd-code / Par-data
Descriptions
1
0x79
buzzer touch sound control
2
Time
Sounding time length (in 10ms), range 0x00~0x3F
0x00= disable (*2)
Note.
*1. Command should be transferred in communication packet structure (see Communication Packet Structure Section for details)
*2. default value defined by TML graphic editor configuration
4.2.11 buzzer_ ctrl ( 0x7A )
seq
Cmd-code / Par-data
Descriptions
1
0x7A
Buzzer control
2
Loop count
Loop count, Range: 0x01 ~ 0xFF.
0xFF = buzzer infinite loop
3
T1
Buzzer play time 1
Range: 0x00 ~ 0xFF (0~25.5s)(unit 100ms)
4
T2
Buzzer play time 2
Range: 0x00 ~ 0xFF (0~25.5s)(unit 100ms)
5
Freq1
T1 time Buzzer frequency, Unit 100 Hz
Ranges: 0x05 ~ 0x32 (500Hz ~ 5KHz)
0x00 = T1 time period buzzer turn off
6
Freq2
T2 time Buzzer frequency, Unit 100 Hz
Ranges: 0x05 ~ 0x32 (500Hz ~ 5KHz)
0x00 = T1 time period buzzer turn off
Note:
1. The buzzer sound time is (T1 + T2)*100ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com