Electronic Components Datasheet Search
  English  ▼

X  

HMT080ATA Datasheet(PDF) 18 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # HMT080ATA
Description  LCD Module User Manual
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

HMT080ATA Datasheet(HTML) 18 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button HMT080ATA Datasheet HTML 14Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 15Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 16Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 17Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 18Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 19Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 20Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 21Page - Shenzhen TOPWAY Technology Co., Ltd HMT080ATA Datasheet HTML 22Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
TOPWAY
SMART LCD Command Manual
Protocol V5.04
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name:SMART LCD Command v5.04 Manual Rev0.2.doc
Page: 8 of 19
Touch Key ID Response code ( 0x79 ):
Seq.
Content
Byte in Hex
Descriptions
1
st
Header
0xAA
Communication packet header
2
nd
Command
0x79
Touched down Key_ID defined by TOPWAY TML Graphic
Editor will be response to host
3
rd
Page_ID
Page_IDh
Page_ID = the touch key in page(16bit binary value)
4
th
Page_IDl
5
th
Y coordinate
Key_ID
Key_ID (8bit binary value)
6
th
Tail
0xCC
Communication packet tail
7
th
0x33
8
th
0xC3
9
th
0x3C
Note.
*1. The Response code with communication packet format (see Communication Packet Structure Section for details)
Touch Key VP_ADD+VP_Value Response code ( 0x77 ):
Seq.
Content
Byte in Hex
Descriptions
1
st
Header
0xAA
Communication packet header
2
nd
Command
0x77
Touch Key VP_ADD+VP_Value Response code
3
rd
VP_ADD
Addr3
MSB
VP Address
0x080000 ~ 0x08FFFF:VP_N16 Address
0x020000 ~ 0x02FFFF:VP_N32 Address
0x030000 ~ 0x03FFFF:VP_N64 Address
0x000000 ~ 0x01FFFF:VP_STR Address
4
th
Addr2
5
th
Addr1
6
th
Addr0(LSB)
7
th
Data
:
No.of byte
VP_N16: 2byte
VP_N32: 4byte
VP_N64: 8byte
VP_STR: string (with end mark (‘‘\0’(0x00)))
:
:
:
:
:
:
:
Tail
0xCC
Communication packet tail
:
0x33
:
0xC3
:
0x3C
Note.
*1. The Response code with communication packet format (see Communication Packet Structure Section for details)
4.2.5
set_sys_config ( 0xE0 )
seq
Cmd-code / Par-data
Descriptions
1
0xE0
Baud Rate and system parameter configuration
2
0x55
3
0xAA
4
0x5A
5
0xA5
6
Baud_Set
Baudrate Set:
0x00 = 1200bps
0x01 = 2400bps
0x02 = 4800bps
0x03 = 9600bps
0x04 = 19200bps
0x05 = 38400bps
0x06 = 57600bps
0x07 = 115200bps
7
sys_par1
Bit7 = 0: Touch panel function disable
Bit7 = 1: Touch panel functions enable (*3)(default)
Bit[1..0]: Touch actions configuration (*2, *3)
8
0x00
Reserved
Note.
*1. Command should be transferred in communication packet structure (see Communication Packet Structure Section for details)
*2. Touch panel configuration:
Sys_par1
Bit7
Sys_par1
Bit1
Sys_par1
Bit0
Response
To host
Descriptions
0
0
0
Null
Not touch panel functions
1
0
1
Coordinates
Touch down Coordinate will be response to host
1
1
0
Coordinates
Touch release Coordinate will be response to host
1
1
1
Key ID
Touch release Key_ID defined by TOPWAY TML Graphic Editor
will be response to host
*3. see set_touch section for response code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com