Electronic Components Datasheet Search
  English  ▼

X  

FC9911 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FC9911
Description  LED Driver Switch-Mode LED Driver IC with High Current Accuracy
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9911 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FC9911 Datasheet HTML 1Page - First Silicon Co., Ltd FC9911 Datasheet HTML 2Page - First Silicon Co., Ltd FC9911 Datasheet HTML 3Page - First Silicon Co., Ltd FC9911 Datasheet HTML 4Page - First Silicon Co., Ltd FC9911 Datasheet HTML 5Page - First Silicon Co., Ltd FC9911 Datasheet HTML 6Page - First Silicon Co., Ltd FC9911 Datasheet HTML 7Page - First Silicon Co., Ltd FC9911 Datasheet HTML 8Page - First Silicon Co., Ltd FC9911 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FC9911
2012. 10. 31
4/13
Revision No : 0
Electrical Characteristics
(Over recommended operating conditions. VIN = 24V, TA = 25°C, unless otherwise specified)
Symbol Parameter
Min
Typ Max Units Conditions
Input
VINDC Input DC supply voltage range*
(1)
-
250
V
DC input voltage
IINSD Shut-down mode supply current*
-
1.0
1.5
mA PWMD connected to GND, VIN=24V
Internal Regulator
VDD
Internally regulated voltage*
7.25 7.75 8.25
V
VIN = 9-250V, IDD(ext) = 0,
PWMD connected to GND
UVLO VDD undervoltage
lockout threshold
6.65 6.90 7.20
V
VDD rising
∆
UVLO VDD undervoltage
lockout hysteresis
-
500
-
mV ---
VDD(ext) Steady state external voltage that
can be applied at the VDD pin2
-
-
12
V
---
Reference
VREF
REF pin voltage
(0°C < T < 25°C)
1.225 1.25 1.275
V
REF bypassed with a 0.1µF capacitor
to GND; IREF = 0;
VDD = 7.75V;
PWMD = GND
REF pin voltage
(-40°C < T < 85°C)
1.2125 1.25 1.275
VREFLINE Line regulation of
reference voltage
0
-
20
mV
REF bypassed with a 0.1µF capacitor
to GND; IREF = 0; VDD = 7.25 - 12V;
PWMD = GND
VREFLOAD Load regulation of
reference voltage
0
-
10
mV
REF bypassed with a 0.1µF capacitor
to GND; IREF = 0-500µA;
PWMD = GND
PWM Dimming
VPWMD(lo) PWMD input low voltage*
-
-
0.80
V
VDD = 7.25V - 12V
VPWMD(hl) PWMD input high voltage*
2.0
-
-
V
VDD = 7.25V - 12V
RPWMD PWMD pull-down resistance
50
100 150 kΩ VPWMD = 5.0V
GATE
ISOURCE GATE short circuit current
0.2
-
-
A
VGATE = 0V; VDD = 7.75V
ISINK GATE sinking current
0.4
-
-
A
V GATE = 7.75V ; V DD = 7.75V
TRISE GATE output rise time
-
50
85
ns
C GATE = 1nF; V DD = 7.75V
TFALL GATE output fall time
-
25
45
ns
CGATE = 1nF; VDD = 7.75V
Over Voltage Protection
VOVP
IC shut down voltage*
1.215 1.25 1.285 V
V DD = 7.25 - 12V ; OVP rising
Current Sense
TBLANK Leading edge blanking
100
-
375
ns
---
TDELAY1 Delay to output of COMP
comparator
-
-
180
ns
COMP = VDD; CLIM = REF;
VCS = 0 to 600mV step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com