Electronic Components Datasheet Search
  English  ▼

X  

FC9911 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FC9911
Description  LED Driver Switch-Mode LED Driver IC with High Current Accuracy
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9911 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FC9911 Datasheet HTML 1Page - First Silicon Co., Ltd FC9911 Datasheet HTML 2Page - First Silicon Co., Ltd FC9911 Datasheet HTML 3Page - First Silicon Co., Ltd FC9911 Datasheet HTML 4Page - First Silicon Co., Ltd FC9911 Datasheet HTML 5Page - First Silicon Co., Ltd FC9911 Datasheet HTML 6Page - First Silicon Co., Ltd FC9911 Datasheet HTML 7Page - First Silicon Co., Ltd FC9911 Datasheet HTML 8Page - First Silicon Co., Ltd FC9911 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FC9911
2012. 10. 31
1/13
Revision No : 0
LED Driver
Switch-Mode LED Driver IC with High Current Accuracy
Features
General Description
Typical Application Circuit - Boost
The FC9911 is a current mode control LED driver IC designed
to control single switch PWM converters (buck, boost, buck-
boost, or SEPIC), in a constant frequency or constant off-time
mode. The controller uses a peak current control scheme,
(with programmable slope compensation), and includes
an internal transconductance ampli
fier to control the output
current in closed loop, enabling high output current accuracy.
In the constant frequency mode, multiple FC9911s can be
synchronized to each other, or to an external clock, using
the SYNC pin. Programmable MOSFET current limit enables
current limiting during input under voltage and output overload
conditions. The IC also includes a 0.2A source and 0.4A sink
GATE driver for high power applications. An internal 9.0 -
250V linear regulator powers the IC, eliminating the need for
a separate power supply for the IC. FC9911 provides a TTL
compatible, PWM dimming input that can accept an external
control signal with a duty ratio of 0-100% and a frequency of
up to a few kilohertz. The IC also provides a FAULT output
which, can be used to disconnect the LEDs in case of a fault
condition, using an external disconnect FET.
The FC9911 based LED driver is ideal for RGB backlight
applications with DC inputs. The FC9911 based LED lamp
drivers can achieve
efficiency in excess of 90% for buck and
boost applications.
Switch mode controller for single switch drivers
♦ Buck
♦ Boost
♦ Buck-boost
♦ SEPIC
Works with high side current sensing
Closed loop control of output current
High PWM dimming ratio
Internal 250V linear regulator (can be extended
using external Zener diodes)
Internal 2% voltage reference (0°C < T
A < 85°C)
Constant frequency or constant off-time operation
Programmable slope compensation
Enable & PWM dimming
+0.2A/-0.4A GATE drive
Output short circuit protection
Output over voltage protection
Synchronization capability
Programmable MOSFET current limit
Applications
RGB backlight applications
Battery powered LED lamps
Other DC/DC LED drivers
►
►
►
►
►
►
►
►
►
►
►
►
►
►
►
►
►
6
7
10
9
15
8
13
14
16
11
12
5
3
1
2
4
C
IN
C
DD
C
REF
R
R2
R
R1
R
L1
R
L2
R
T
R
SLOPE
R
SC
SC
R
CS
R
OVP1
R
OVP2
C
O
D1
Q1
L1
Q2
C
C
R
S
VIN
VDD
GND
SC
RT
REF
CLIM
IREF
SYNC
PWMD
COMP
FDBK
FAULT
OVP
CS
GATE


Similar Part No. - FC9911

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC9910B FS-FC9910B Datasheet
600Kb / 10P
Universal High Brightness LED Driver
FC9910BP FS-FC9910BP Datasheet
600Kb / 10P
Universal High Brightness LED Driver
FC9910BX FS-FC9910BX Datasheet
600Kb / 10P
Universal High Brightness LED Driver
More results

Similar Description - FC9911

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9911 SUTEX-HV9911 Datasheet
455Kb / 9P
Switch-mode LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911_06 Datasheet
728Kb / 14P
Switch-Mode LED Driver IC with High Current Accuracy
HV9912 SUTEX-HV9912 Datasheet
873Kb / 12P
Switch-mode LED Driver IC With High Current Accuracy and Hiccup Mode Protection
logo
Bruckewell Technology L...
BW7386 BWTECH-BW7386 Datasheet
273Kb / 8P
Accuracy Constant Current LED Driver
logo
Supertex, Inc
AT9917 SUTEX-AT9917 Datasheet
734Kb / 12P
Automotive LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911_09 Datasheet
754Kb / 14P
Switch-Mode LED Driver IC with High Current Accuracy
logo
Microchip Technology
HV9912 MICROCHIP-HV9912 Datasheet
604Kb / 20P
Switch-Mode LED Driver IC with High Current Accuracy and Hiccup Mode Protection
06/23/16
logo
Unisonic Technologies
UL62 UTC-UL62 Datasheet
121Kb / 4P
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
logo
Shanghai Consonance Ele...
CN5820 CONSONANCE-CN5820 Datasheet
213Kb / 8P
Switch-Mode High-Brightness LED Driver IC
logo
MagnaChip Semiconductor...
MAP3201 MGCHIP-MAP3201 Datasheet
1Mb / 15P
High current switch mode PWM LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com