Electronic Components Datasheet Search
  English  ▼

X  

FC9911 Datasheet(PDF) 7 Page - First Silicon Co., Ltd

Part # FC9911
Description  LED Driver Switch-Mode LED Driver IC with High Current Accuracy
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9911 Datasheet(HTML) 7 Page - First Silicon Co., Ltd

Back Button FC9911 Datasheet HTML 3Page - First Silicon Co., Ltd FC9911 Datasheet HTML 4Page - First Silicon Co., Ltd FC9911 Datasheet HTML 5Page - First Silicon Co., Ltd FC9911 Datasheet HTML 6Page - First Silicon Co., Ltd FC9911 Datasheet HTML 7Page - First Silicon Co., Ltd FC9911 Datasheet HTML 8Page - First Silicon Co., Ltd FC9911 Datasheet HTML 9Page - First Silicon Co., Ltd FC9911 Datasheet HTML 10Page - First Silicon Co., Ltd FC9911 Datasheet HTML 11Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Functional Description
The built in linear regulator of the FC9911 can operate up
to 250V at the VIN pin. The linear regulator provides an
internally regulated voltage of 7.75V (typ) at VDD if the
input voltage is in the range of 9.0 – 250V. This voltage is
used to power the IC and also provide the power to external
circuits connected at the VDD and VREF pins. This linear
regulator can be turned off by overdriving the VDD pin using
an external boostrap circuit at voltages higher than 8.25V
(up to 12V).
In practice, the input voltage range of the IC is limited by
the current drawn by the IC. Thus, it becomes important
to determine the current drawn by the IC to find out the
.
n
i
p
N
I
V
e
h
t
t
a
s
e
g
a
tl
o
v
g
n
it
a
r
e
p
o
m
u
m
i
n
i
m
d
n
a
m
u
m
i
x
a
m
The main component of the current drawn by the IC is the
.
n
i
p
E
T
A
G
e
h
t
t
a
r
e
v
ir
d
T
E
F
g
n
i
h
c
ti
w
s
e
h
t
y
b
n
w
a
r
d
t
n
e
r
r
u
c
To estimate this current, we need to know a few parameters
of the FET being used in the design and the switching
frequency.
The typical waveform of the current being sourced out of
GATE is shown in Fig. 1. Fig. 2 shows the equivalent circuit
of the GATE driver and the external FET. The values of V
DD
and R
GATE for the FC9911 are 7.75V and 40Ω respectively.
Note: The equations given below are approximations and are
to be used only for estimation purposes. The actual values
will differ somewhat from the computed values.
Consider the case when the external FET is FDS3692 and
the switching frequency is f
S = 200kHz with an LED string
voltage V
O = 80V. From the datasheet of the FET, the
following parameters can be determined:
C
ISS = 746pF
C
GD = CRSS = 27pF
C
GS = CISS - CGD = 719pF
V
TH = 3.0V
Power Topology
I
PK
I
1
I
avg
t
1
t
2
t
3
0
Fig. 1. Current Sourced Out of GATE at FET Turn-on Driver
Fig. 2. Equivalent Circuit of the GATE Driver
FC9911
C
GD
C
GS
V
DD
R
GATE
FC9911
2012. 10. 31
7/13
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com