Electronic Components Datasheet Search
  English  ▼

X  

FC9911 Datasheet(PDF) 11 Page - First Silicon Co., Ltd

Part # FC9911
Description  LED Driver Switch-Mode LED Driver IC with High Current Accuracy
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9911 Datasheet(HTML) 11 Page - First Silicon Co., Ltd

Back Button FC9911 Datasheet HTML 5Page - First Silicon Co., Ltd FC9911 Datasheet HTML 6Page - First Silicon Co., Ltd FC9911 Datasheet HTML 7Page - First Silicon Co., Ltd FC9911 Datasheet HTML 8Page - First Silicon Co., Ltd FC9911 Datasheet HTML 9Page - First Silicon Co., Ltd FC9911 Datasheet HTML 10Page - First Silicon Co., Ltd FC9911 Datasheet HTML 11Page - First Silicon Co., Ltd FC9911 Datasheet HTML 12Page - First Silicon Co., Ltd FC9911 Datasheet HTML 13Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
FET (Q
1) during an output short circuit condition will not
remove the fault (Q
1 is not in the path of the fault current).
The disconnect switch will help to disconnect the shorted
load from the input.
Over Voltage Protection
Over voltage protection is achieved by connecting the output
voltage to the OVP pin through a resistive divider. The voltage
.
V
5
2
.
1
l
a
n
r
e
t
n
i
e
h
t
o
t
d
e
r
a
p
m
o
c
y
lt
n
a
t
s
n
o
c
s
i
n
i
p
P
V
O
e
h
t
t
a
When the voltage at this pin exceeds 1.25V, the IC is turned
off and FAULT goes low.
Output Short Circuit Protection
The output short circuit condition is indicated by FAULT. At
startup, a monoshot circuit, (triggered by the POR circuit),
resets an internal flip-flop, which causes FAULT to go high,
and remains high during normal operation. This also allows
the GATE drive to function normally.
The steady state current is reflected in the reference
voltage connected to the transconductance amplifier. The
instantaneous output current is sensed from the FDBK
terminal of the amplifier. The short circuit threshold current is
internally set to 200% of the steady state current.
During short circuit condition, when the current exceeds the
internally set threshold, the SR flip-flop is set and FAULT
goes low. At the same time, the GATE driver of the power
FET is inhibited, providing a latching protection. The system
can be reset by cycling the input voltage to the IC.
Note:
The short circuit FET should be connected before the
current sense resistor as reversing R
S and Q2 will affect
the accuracy of the output current (due to the additional
voltage drop across Q
2 which will be sensed).
Synchronization
The SYNC pin is an input/output (I/O) port to a fault tolerant
peer-to-peer and/or master clock synchronization circuit.
For synchronization, the SYNC pins of multiple FC9911
based converters can be connected together, and may also
.
k
c
o
l
c
r
e
t
s
a
m
a
f
o
t
u
p
t
u
o
n
i
a
r
d
n
e
p
o
e
h
t
o
t
d
e
t
c
e
n
n
o
c
e
b
When connected in this manner, the oscillators will lock
to the device with the highest operating frequency. When
synchronizing multiple ICs, it is recommended that the same
timing resistor, corresponding to the switching frequency, be
used in all the FC9911 circuits.
On rare occasions, given the length of the connecting lines for
the SYNC pins, a resistor between SYNC and GND may be
required to damp any ringing due to parasitic capacitances.
It is recommended that the resistor chosen be greater than
300kΩ.
When synchronized in this manner, a permanent HIGH
or LOW condition on the SYNC pin will result in a loss of
synchronization, but the FC9911 based converters will
continue to operate at their individually set operating
frequency. Since loss of synchronization will not result in total
system failure, the SYNC pin is considered fault tolerant.
Note:
The FC9911 is designed to SYNC up to four ICs at a time
without the use of an external buffer. To SYNC more than
four ICs, it is recommended that a buffered external clock
be used.
Internal 1MHz Transconductance Amplifier
FC9911 includes a built in 1MHz transconductance amplifier,
with tri-state output, which can be used to close the feedback
loop. The output current sense signal is connected to the
FDBK pin and the current reference is connected to the
IREF pin.
The output of the opamp is controlled by the signal applied
to the PWMD pin. When PWMD is high, the output of the
opamp is connected to the COMP pin. When PWMD is low,
the output is left open. This enables the integrating capacitor
to hold the charge when the PWMD signal has turned off
the GATE drive. When the IC is enabled, the voltage on the
integrating capacitor will force the converter into steady state
almost instantaneously.
The output of the opamp is buffered and connected to the
current sense comparator using a 15:1 divider. The buffer
helps to prevent the integrator capacitor from discharging
during the PWM dimming state.
Linear Dimming
Linear dimming can be accomplished by varying the voltage
at the IREF pin, as the output current is proportional to the
voltage at the IREF pin. This can be done either by using a
potentiometer from the REF pin or by applying an external
voltage source at the IREF pin.
Note:
Due to the offset voltage of the transconductance opamp,
pulling the IREFpin very close to GND will cause the internal
short circuit comparator to trigger and shut down the IC.
This limits the linear dimming range of the IC. However,
a 1:10 linear dimming range can be easily obtained. It is
recommended that the PWMD pin be used to get zero
output current rather than pull the I
REF pin to GND.
FC9911
2012. 10. 31
11/13
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com