Electronic Components Datasheet Search
  English  ▼

X  

FC9911 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FC9911
Description  LED Driver Switch-Mode LED Driver IC with High Current Accuracy
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9911 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FC9911 Datasheet HTML 1Page - First Silicon Co., Ltd FC9911 Datasheet HTML 2Page - First Silicon Co., Ltd FC9911 Datasheet HTML 3Page - First Silicon Co., Ltd FC9911 Datasheet HTML 4Page - First Silicon Co., Ltd FC9911 Datasheet HTML 5Page - First Silicon Co., Ltd FC9911 Datasheet HTML 6Page - First Silicon Co., Ltd FC9911 Datasheet HTML 7Page - First Silicon Co., Ltd FC9911 Datasheet HTML 8Page - First Silicon Co., Ltd FC9911 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FC9911
2012. 10. 31
5/13
Revision No : 0
Symbol
Parameter
Min
Typ Max Units Conditions
TDELAY2 Delay to output of
CLIMIT.comparator
-
-
180
ns COMP = VDD; CLIM = 300mV;
VCS = 0 to 400mV step
VOFFSET Comparator offset voltage
-10
-
10
mV ---
Internal Transconductance Opamp
GB
Gain bandwidth product#
-
1.0
-
MHz 75pF capacitance at COMP pin
AV
Open loop DC gain
66
-
-
dB Output Open
VCM
Input common-mode range#
-0.3
-
3.0
V ---
VO
Output voltage range#
0.7
-
6.75
-
VDD = 7.75V
gm
Transconductance
340
435
530
µA/V
---
VOFFSET Input offset voltage
-2.0
-
4.0
mV ---
IBIAS
Input bias current#
-
0.5
1.0
nA ---
Oscillator
fOSC1
Oscillator frequency*
88
100
112
kHz RT = 909kΩ
fOSC2
Oscillator frequency*
308
350
392
kHz RT = 261kΩ
DMAX
Maximum duty cycle
-
90
-
% ---
IOUTSYNC Sync output current
-
10
20
µA
---
IINSYNC Sync input current
0
-
200
µA
VSYNC < 0.1V
Output Short Circuit
TOFF
Propagation time for short
circuit detection
-
-
250
ns IREF = 200mV ; FDBK = 450mV;
FAULT goes from high to low
TRISE,FAULT Fault output rise time
-
-
300
ns 1nF capacitor at FAULT pin
TFALL,FAULT Fault output fall time
-
-
200
ns 1nF capacitor at FAULT pin
GFAULT Amplifier gain at IREF pin
1.8
2
2.2
IREF = 200mV
Soft Start
ICLIM
Current into CLIM pin when
pulled low
-
-
200
µA
FAULT is low; 06.25k resistor
between REF and CLIM
Slope Compensation
ISLOPE
Current sourced out of SC pin
0
-
100
µA
---
GSLOPE Internal current mirror ratio
1.8
2
2.2
-
ISLOPE = 50µA; RCSENSE= 1kΩ
1 See application section for minimum input voltage.
2 Parameters are not guaranteed to be within specifi cations if the external VDD voltage is greater than VDD(ext) or if VDD < 7.25V.
* Specifi cations which apply over the full operating ambient temperature range of -40°C < TA < +85°C.
# Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com