Electronic Components Datasheet Search
  English  ▼

X  

FC9911 Datasheet(PDF) 8 Page - First Silicon Co., Ltd

Part # FC9911
Description  LED Driver Switch-Mode LED Driver IC with High Current Accuracy
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9911 Datasheet(HTML) 8 Page - First Silicon Co., Ltd

Back Button FC9911 Datasheet HTML 4Page - First Silicon Co., Ltd FC9911 Datasheet HTML 5Page - First Silicon Co., Ltd FC9911 Datasheet HTML 6Page - First Silicon Co., Ltd FC9911 Datasheet HTML 7Page - First Silicon Co., Ltd FC9911 Datasheet HTML 8Page - First Silicon Co., Ltd FC9911 Datasheet HTML 9Page - First Silicon Co., Ltd FC9911 Datasheet HTML 10Page - First Silicon Co., Ltd FC9911 Datasheet HTML 11Page - First Silicon Co., Ltd FC9911 Datasheet HTML 12Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Parameter
Formula
Value (for given example)
I
PK
V
DD / RGATE
193.75mA
I
1
(V
DD - VTH) / RGATE
118.75mA
t
1
-R
GATE • CISS • In (I1 / IPK)
14.61ns
t
2
[(V
O - VTH) • CGD] / I1
[(V
IN - VTH) • CGD] / I1
(for a boost converter)
(for a buck converter)
17.5ns
t
3
2.3 • R
GATE • CGS
66ns
I
avg
[I
1 • (t1 + t2) + 0.5 • (IPK - I1) • t1 + 0.5 • I1 • t3] • fS
1.66mA
The total current being drawn from the linear regulator for a typical FC9911 circuit can be computed as follows (the values
provided are based on the continuous conduction mode boost design in the application note - AN-H55).
Current
Formula
Typical Value
Quiescent Current
1000µA
1000µA
Current sourced out of REF pin
(V
REF / RL1 + RL2) + (VREF / RR1 + RR2)
100µA
Current sourced out of RT pin
6
V / RT
13.25µA
Current sourced out of SC pin
(1 / 2) • (2.5V / R
SLOPE)
30.8µA
Current sourced out of CS pin
2.5V / R
SLOPE
61.6µA
Current drawn by FET GATE driver
I
AVG
1660µA
Total Current drawn from the linear
regulator
2.865mA
Note:
For a discontinuous mode converter, the currents sourced out of the SC and CS pin will be zero.
When the external FET is being turned on, current is being sourced out of the GATE and that current is being drawn from the
input. Thus, the average current drawn from V
DD (and thus from VIN) needs to be computed. Without going into the details of
the FET operation, the various values in the graph of Fig. 1 can be computed as follows:
FC9911
2012. 10. 31
8/13
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com