Electronic Components Datasheet Search
  English  ▼

X  

FC9911 Datasheet(PDF) 9 Page - First Silicon Co., Ltd

Part # FC9911
Description  LED Driver Switch-Mode LED Driver IC with High Current Accuracy
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9911 Datasheet(HTML) 9 Page - First Silicon Co., Ltd

Back Button FC9911 Datasheet HTML 5Page - First Silicon Co., Ltd FC9911 Datasheet HTML 6Page - First Silicon Co., Ltd FC9911 Datasheet HTML 7Page - First Silicon Co., Ltd FC9911 Datasheet HTML 8Page - First Silicon Co., Ltd FC9911 Datasheet HTML 9Page - First Silicon Co., Ltd FC9911 Datasheet HTML 10Page - First Silicon Co., Ltd FC9911 Datasheet HTML 11Page - First Silicon Co., Ltd FC9911 Datasheet HTML 12Page - First Silicon Co., Ltd FC9911 Datasheet HTML 13Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Maximum Input Voltage at VIN pin computed
using the Power Dissipation Limit
The maximum input voltage that the FC9911 can withstand
without damage if the regulator is drawing about 2.8mA will
depend on the ambient temperature. If we consider an ambi-
ent temperature of 40°C, the power dissipation in the pack-
age cannot exceed:
P
MAX = 1000mW - 10mW • (40
O
C - 25OC)
= 850mW
The above equation is based on package power dissipation
limits as given in the Absolute Maximum Limits section of
this datasheet.
To dissipate a maximum power of 850mW in the package,
the maximum input voltage cannot exceed:
V
INMAX = PMAX / ITOTAL
= 296V
Since the maximum voltage is far greater than the actual
input voltage (24V), power dissipation will not be a problem
for this design.
For this design, at 24V input, the increase in the junction
temperature of the IC (over the ambient) will be
Δθ = V
IN • ITOTAL • θja
= 5.64OC
where θ
ja is the junction to ambient thermal impedance of
the 16-Lead SOIC package of the FC9911.
Minimum Input Voltage at VIN pin
The minimum input voltage at which the converter will start
and stop depends on the minimum voltage drop required for
the linear regulator. The internal linear regulator will regu-
late the voltage at the VDD pin when V
N is between 9.0 and
250V. However, when V
IN is less than 9.0V, the converter
will still function as long as V
DD is greater than the under
voltage lockout. Thus, the converter might be able to start
at input voltages lower than 9.0V. The start/stop voltages at
the VIN pin can be determined using the minimum voltage
drop across the linear regulator as a function of the current
drawn. This data is shown in Fig. 3 for different junction tem-
peratures.
Fig. 3. Graph of the Input Current vs Mini-
mum Voltage Drop Across Linear Regulator
for Different Junction Temperatures
Assume a maximum junction temperature of 85°C (this give a
reasonable temperature rise of 45°C at an ambient tempera-
ture of 40°C). At 2.86mA input current, the minimum voltage
drop from Fig. 3 can be approximately estimated to be V
DROP
= 0.75V. However, before the IC starts switching the current
.t
n
e
r
r
u
c
e
v
ir
d
E
T
A
G
e
h
t
s
u
n
i
m
t
n
e
r
r
u
c
l
a
t
o
t
e
h
t
e
b
ll
i
w
n
w
a
r
d
In this case, that current is I
Q_TOTAL = 1.2mA. At this current
level, the voltage drop is approximately V
DROP1 = 0.4V. Thus,
the start/stop V
IN voltages can be computed to be:
VIN
START = UVLOMAX + VDROP1
= 7.2V + 0.4V
= 7.60V
VIN
STOP = UVLOMAX - 0.5V + VDROP
= 7.2V - 0.5V + 0.75V
= 7.45V
Note:
In some cases, if the GATE drive draws too much current,
VIN
START might be less than VINSTOP. In such cases, the
control IC will oscillate between ON and OFF if the input
voltage is between the start and stop voltages. In these
circumstances, it is recommended that the input voltage
be kept higher than VIN
STOP .
Minimum drop in Linear Regulator (V)
0 2
0.4
0.6
0.8
1
1 2
1.4
1 6
1.8
2
2.2
2.4
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
-40°C
25°C
85°C
125°C
FC9911
2012. 10. 31
9/13
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com