Electronic Components Datasheet Search
  English  ▼

X  

PHN Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # PHN
Description  2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

PHN Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  PHN Datasheet HTML 1Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 2Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 3Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 4Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 5Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 6Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 7Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 8Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
A
±0.1
2
±0.05
2.8
±0.05
φ0.8
+0.1
 0
φ1.6
+0.1
 0
Reverse type:
Line B/Circuit No.1
Normal type:
Line B/Circuit No.1
Reverse type:
Line A/Circuit No.1
Normal type:
Line A/Circuit No.1
2
±0.05
A
±0.1
φ0.8
+0.1
 0
Reverse type:
Line A/Circuit No.1
Normal type:
Line A/Circuit No.1
Reverse type:
Line B/Circuit No.1
Line A
Line B
Normal type:
Line B/Circuit No.1
10.95
with KR receptacles
with PHN receptacles
with KR receptacles
with PHN receptacles
11.15
with KR receptacles
with PHN receptacles
±
0.05
2.65
±
0.1
A
±
0.1
Boss hole
φ1.2
2
φ0.8
+0.1
 0
±0.05
±
0.05
2.65
±
0.1
A
±
0.1
Boss hole
φ1.6
Line A/
Circuit No.1
Line A
Line B
Line A
Line B
Line B/
Circuit No.1
Line A/
Circuit No.1
Line B/
Circuit No.1
2
φ0.8
+0.1
 0
±0.05
Circuits
Q'ty/
box
Normal type
Reverse type
Model No.
Dimensions (mm)
AB
Material and Finish
Contact: Phosphor bronze, tin-plated (reflow treatment)
Housing: 2 to 12 circuits...PA 66, UL94V-0, gray
13 to 16 circuits...Glass-filled PA 66, UL94V-0, gray
UL1571, 1061(Contact JST for other UL styles.)
AWG#28, #26
Conductor / 7 strands, tin-plated annealed copper
Insulation O.D. / 0.9 to 1.0 mm
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
02KR-6H-P
03KR-6H-P
04KR-6H-P
05KR-6H-P
06KR-6H-P
07KR-6H-P
08KR-6H-P
09KR-6H-P
10KR-6H-P
11KR-6H-P
12KR-6H-P
13KR-6H-P
14KR-6H-P
15KR-6H-P
16KR-6H-P
02KR-6H-PC
03KR-6H-PC
04KR-6H-PC
05KR-6H-PC
06KR-6H-PC
07KR-6H-PC
08KR-6H-PC
09KR-6H-PC
10KR-6H-PC
11KR-6H-PC
12KR-6H-PC
13KR-6H-PC
14KR-6H-PC
15KR-6H-PC
16KR-6H-PC
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
2,000
2,000
2,000
2,000
2,000
1,000
1,000
1,000
1,000
1,000
1,000
500
500
500
500
Applicable wire
H JST
B
5.15
0.9
A
2
2
Normal type:
Circuit No.1
Reverse type:
Circuit No.1
Normal type:
Circuit No.1
Reverse type:
Circuit No.1
H JST
B
5.15
0.9
A
2
2
KR FAMILY SERIES/KRW・KR・PHN・TR CONNECTOR
Top entry type
With locks
Side entry type
Note: 1. Tolerances are non-cumulative:
±0.05 mm for all centers.
2. Hole dimensions differ according to the type of PC board and piercing method. The dimensions above should serve as a guideline. Contact JST for details.
Double-row shrouded header
(viewed from component side)
(With a standard boss)
(With a standard boss)
(With a compact boss)
(With a standard boss)
(2 to 12 circuits)
(13 to 16 circuits)
RoHS compliance
Insulation displacement connector (Receptacle)
PC board layout and Assembly layout



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com