Electronic Components Datasheet Search
  English  ▼

X  

PHN Datasheet(PDF) 7 Page - JST Mfg. Co., Ltd.

Part # PHN
Description  2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

PHN Datasheet(HTML) 7 Page - JST Mfg. Co., Ltd.

  PHN Datasheet HTML 1Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 2Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 3Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 4Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 5Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 6Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 7Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 8Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Model No.
Circuits
Dimensions (mm)
BC
D
Material and Finish
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
BU02P-TR-P-H
BU03P-TR-P-H
BU04P-TR-P-H
BU05P-TR-P-H
BU06P-TR-P-H
BU07P-TR-P-H
BU08P-TR-P-H
BU09P-TR-P-H
BU10P-TR-P-H
BU11P-TR-P-H
BU12P-TR-P-H
BU13P-TR-P-H
BU14P-TR-P-H
BU15P-TR-P-H
BU16P-TR-P-H
BU02P-TR-PC-H
BU03P-TR-PC-H
BU04P-TR-PC-H
BU05P-TR-PC-H
BU06P-TR-PC-H
BU07P-TR-PC-H
BU08P-TR-PC-H
BU09P-TR-PC-H
BU10P-TR-PC-H
BU11P-TR-PC-H
BU12P-TR-PC-H
BU13P-TR-PC-H
BU14P-TR-PC-H
BU15P-TR-PC-H
BU16P-TR-PC-H
7.6
9.6
11.6
13.6
15.6
17.6
19.6
21.6
23.6
25.6
27.6
29.6
31.6
33.6
35.6
7.9
9.9
11.9
13.9
15.9
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
11.6
13.6
15.6
17.6
19.6
21.6
23.6
25.6
27.6
29.6
31.6
33.6
35.6
37.6
39.6
500
500
500
250
250
200
250
250
200
200
200
150
150
150
150
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Housing: PA 66, UL94V-0, gray
A
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
Q'ty/
box
Normal type
Reverse type
H J T
2
Reverse type:
Circuit No.1
Normal type:
Circuit No.1
1.3
2.8
A
B
C
D
Secure locking
±
0.1
±
0.1
Circuits
Model No.
Dimensions (mm)
AB
PA 66, UL94V-0, gray
10
12
14
16
18
20
22
24
26
28
30
32
KRWH-10-H-1
KRWH-12-H-1
KRWH-14-H-1
KRWH-16-H-1
KRWH-18-H-1
KRWH-20-H-1
KRWH-22-H-1
KRWH-24-H-1
KRWH-26-H-1
KRWH-28-H-1
KRWH-30-H-1
KRWH-32-H-1
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
13.4
15.4
17.4
19.4
21.4
23.4
25.4
27.4
29.4
31.4
33.4
35.4
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
Material
Q'ty/
box
B
1
0.7
9.7
A
Normal type: Line A/Circuit No.1
Indication for Line A
B
H JST
φ1
Normal type: Line B/Circuit No.1
Line A
Line B
Indication for Line B
7
KR FAMILY SERIES/KRW・KR・PHN・TR CONNECTOR
B
1
0.7
A
Normal type:
Line A/Circuit No.1
Indication for Line A
φ1
Reverse type:
Line A/Circuit No.1
9.7
Reverse type:
Line B/Circuit No.1
B
H JST
Normal type:
Line B/Circuit No.1
Line A
Line B
Indication for Line B
Circuits
Model No.
Dimensions (imm)
AB
Normal type
Reverse type
PA 66, UL94V-0, gray
10
12
14
16
18
20
22
24
26
28
30
32
KRWH-10-H
KRWH-12-H
KRWH-14-H
KRWH-16-H
KRWH-18-H
KRWH-20-H
KRWH-22-H
KRWH-24-H
KRWH-26-H
KRWH-28-H
KRWH-30-H
KRWH-32-H
KRWH-10C-H
KRWH-12C-H
KRWH-14C-H
KRWH-16C-H
KRWH-18C-H
KRWH-20C-H
KRWH-22C-H
KRWH-24C-H
KRWH-26C-H
KRWH-28C-H
KRWH-30C-H
KRWH-32C-H
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
13.4
15.4
17.4
19.4
21.4
23.4
25.4
27.4
29.4
31.4
33.4
35.4
Material
KRW connector Holder
RoHS compliance
KRW connector Holder (for header with locks)
TR connector (Unit for wire-to-wire connection)
RoHS compliance
Note:1. Not UL/CSA/TÜV approved.
2. The applicable header is "B( )B-KRW( )K-F1-( )" only.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
KRWH-10-H-1-
H…gray Y…yellow R…red N…brown K…black S…natural
RoHS compliance This product displays (LF)(SN) on a label.
TR connectors without secure locking device are also available.
Panel layout



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com