Electronic Components Datasheet Search
  English  ▼

X  

PHN Datasheet(PDF) 5 Page - JST Mfg. Co., Ltd.

Part # PHN
Description  2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

PHN Datasheet(HTML) 5 Page - JST Mfg. Co., Ltd.

  PHN Datasheet HTML 1Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 2Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 3Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 4Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 5Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 6Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 7Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 8Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
B
Circuits
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
B2B-PH-SM4C-TB
B3B-PH-SM4C-TB
B4B-PH-SM4C-TB
B5B-PH-SM4C-TB
B6B-PH-SM4C-TB
B7B-PH-SM4C-TB
B8B-PH-SM4C-TB
B9B-PH-SM4C-TB
B10B-PH-SM4C-TB
B11B-PH-SM4C-TB
B12B-PH-SM4C-TB
B13B-PH-SM4C-TB
B14B-PH-SM4C-TB
B15B-PH-SM4C-TB
B16B-PH-SM4C-TB
S2B-PH-SM4C-TB
S3B-PH-SM4C-TB
S4B-PH-SM4C-TB
S5B-PH-SM4C-TB
S6B-PH-SM4C-TB
S7B-PH-SM4C-TB
S8B-PH-SM4C-TB
S9B-PH-SM4C-TB
S10B-PH-SM4C-TB
S11B-PH-SM4C-TB
S12B-PH-SM4C-TB
S13B-PH-SM4C-TB
S14B-PH-SM4C-TB
S15B-PH-SM4C-TB
――
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
7.9
9.9
11.9
13.9
15.9
17.9
19.9
21.9
23.9
25.9
27.9
29.9
31.9
33.9
35.9
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
Material and Finish
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: PA 6T, UL94V-0, natural (ivory)
Solder tab: Brass, copper-undercoated, tin-plated (reflow treatment)
Reverse type Model No.
Dimensions (mm)
A
Top entry type
Side entry type
Q'ty/
reel
Circuits
Q'ty/
reel
A
B
Top entry type
Side entry type
Top entry type Side entry type
Normal type Model No.
Dimensions (mm)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
B2B-PH-SM4-TB
B3B-PH-SM4-TB
B4B-PH-SM4-TB
B5B-PH-SM4-TB
B6B-PH-SM4-TB
B7B-PH-SM4-TB
B8B-PH-SM4-TB
B9B-PH-SM4-TB
B10B-PH-SM4-TB
B11B-PH-SM4-TB
B12B-PH-SM4-TB
B13B-PH-SM4-TB
B14B-PH-SM4-TB
B15B-PH-SM4-TB
B16B-PH-SM4-TB
S2B-PH-SM4-TB
S3B-PH-SM4-TB
S4B-PH-SM4-TB
S5B-PH-SM4-TB
S6B-PH-SM4-TB
S7B-PH-SM4-TB
S8B-PH-SM4-TB
S9B-PH-SM4-TB
S10B-PH-SM4-TB
S11B-PH-SM4-TB
S12B-PH-SM4-TB
S13B-PH-SM4-TB
S14B-PH-SM4-TB
S15B-PH-SM4-TB
――
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
7.95
9.95
11.95
13.95
15.95
17.95
19.95
21.95
23.95
25.95
27.95
29.95
31.95
33.95
35.95
7.9
9.9
11.9
13.9
15.9
17.9
19.9
21.9
23.9
25.9
27.9
29.9
31.9
33.9
–
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
Material and Finish
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: PA 6T, UL94V-0, natural (ivory)
Solder tab: Brass, copper-undercoated, tin-plated (reflow treatment)
A
B
2.975
2
1.9
5(2)
1.4
2.2
Reverse type:
Circuit No.1
Normal type:
Circuit No.1
A
B
2.95
2
1.6
(2.6)
6
Reverse type:
Circuit No.1
Normal type:
Circuit No.1
KR FAMILY SERIES/KRW・KR・PHN・TR CONNECTOR
Side entry type
Top entry type
RoHS compliance This product displays (LF)(SN) on a label.
RoHS compliance This product displays (LF)(SN) on a label.
Note: Top entry type headers with suction tape are also available.
Single-row shrouded header (SMT type)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com