Electronic Components Datasheet Search
  English  ▼

X  

PHN Datasheet(PDF) 4 Page - JST Mfg. Co., Ltd.

Part # PHN
Description  2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

PHN Datasheet(HTML) 4 Page - JST Mfg. Co., Ltd.

  PHN Datasheet HTML 1Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 2Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 3Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 4Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 5Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 6Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 7Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 8Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
KR FAMILY SERIES/KRW・KR・PHN・TR CONNECTOR
Circuits
Q'ty/box
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
B2B-PH-KBLC-H
B3B-PH-KBLC-H
B4B-PH-KBLC-H
B5B-PH-KBLC-H
B6B-PH-KBLC-H
B7B-PH-KBLC-H
B8B-PH-KBLC-H
B9B-PH-KBLC-H
B10B-PH-KBLC-H
B11B-PH-KBLC-H
B12B-PH-KBLC-H
B13B-PH-KBLC-H
B14B-PH-KBLC-H
B15B-PH-KBLC-H
B16B-PH-KBLC-H
S2B-PH-KLC-H
S3B-PH-KLC-H
S4B-PH-KLC-H
S5B-PH-KLC-H
S6B-PH-KLC-H
S7B-PH-KLC-H
S8B-PH-KLC-H
S9B-PH-KLC-H
S10B-PH-KLC-H
S11B-PH-KLC-H
S12B-PH-KLC-H
S13B-PH-KLC-H
S14B-PH-KLC-H
S15B-PH-KLC-H
S16B-PH-KLC-H
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
5.9
7.9
9.9
11.9
13.9
15.9
17.9
19.9
21.9
23.9
25.9
27.9
29.9
31.9
33.9
Reverse type Model No.
Dimensions( mm)
AB
1,000
1,000
1,000
1,000
1,000
500
500
500
500
500
500
250
250
250
250
1,000
1,000
500
500
500
500
250
250
250
250
250
250
200
200
200
Top entry type (with boss)
Side entry type
Material and Finish
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: PA 66, UL94V-0, gray
Circuits
Q'ty/box
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
B2B-PH-KBL-H
B3B-PH-KBL-H
B4B-PH-KBL-H
B5B-PH-KBL-H
B6B-PH-KBL-H
B7B-PH-KBL-H
B8B-PH-KBL-H
B9B-PH-KBL-H
B10B-PH-KBL-H
B11B-PH-KBL-H
B12B-PH-KBL-H
B13B-PH-KBL-H
B14B-PH-KBL-H
B15B-PH-KBL-H
B16B-PH-KBL-H
S2B-PH-KL
S3B-PH-KL
S4B-PH-KL
S5B-PH-KL
S6B-PH-KL
S7B-PH-KL
S8B-PH-KL
S9B-PH-KL
S10B-PH-KL
S11B-PH-KL
S12B-PH-KL
S13B-PH-KL
S14B-PH-KL
S15B-PH-KL
S16B-PH-KL
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
5.9
7.9
9.9
11.9
13.9
15.9
17.9
19.9
21.9
23.9
25.9
27.9
29.9
31.9
33.9
Normal type Model No.
Dimensions( mm)
AB
1,000
1,000
1,000
1,000
1,000
500
500
500
500
500
500
250
250
250
250
1,000
1,000
500
500
500
500
250
250
250
250
250
250
200
200
200
Top entry type
(with a boss)
Side entry
type
Top entry type (with boss)
Side entry type
Top entry type
(with a boss)
Side entry
type
B
A
1.95
4.5
(1.7)
0.5
Normal type:
Circuit No.1
Reverse type:
Circuit No.1
4.5
1.7
B
0.5
2
A
1.95
0.5
Normal type:
Circuit No.1
Reverse type:
Circuit No.1
B
4.8
(1.7)
(3.4)
0.5
1.95
A
2
Normal type:
Circuit No.1
Reverse type:
Circuit No.1
Single-row shrouded header (Through-hole type)
Side entry type
(3 to 16 circuits)
RoHS compliance This product displays (LF)(SN) on a label.
Note: 1. Top entry type headers without a bosses are also available.
2. PH connector header [B( )B-PH-K-S, S( )B-PH-K-S] can be also used.
( ) stands for circuits No.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B2B-PH-KBLC-H-
H…gray S…white Y…yellow R…red N…brown
K…black (blank)…gray (normal side entry type only)
Top entry type
(2 circuits)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com