Electronic Components Datasheet Search
  English  ▼

X  

PHN Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # PHN
Description  2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

PHN Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  PHN Datasheet HTML 1Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 2Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 3Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 4Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 5Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 6Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 7Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 8Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
KR FAMILY SERIES/KRW・KR・PHN・TR CONNECTOR
Circuits
Model No.
Dimensions (mm)
AB
Normal type
Reverse type
Material
PA 66, UL94V-0, gray
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PHNR-02-H
PHNR-03-H
PHNR-04-H
PHNR-05-H
PHNR-06-H
PHNR-07-H
PHNR-08-H
PHNR-09-H
PHNR-10-H
PHNR-11-H
PHNR-12-H
PHNR-13-H
PHNR-14-H
PHNR-15-H
PHNR-16-H
PHNR-02C-H
PHNR-03C-H
PHNR-04C-H
PHNR-05C-H
PHNR-06C-H
PHNR-07C-H
PHNR-08C-H
PHNR-09C-H
PHNR-10C-H
PHNR-11C-H
PHNR-12C-H
PHNR-13C-H
PHNR-14C-H
PHNR-15C-H
PHNR-16C-H
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
Q'ty/
bag
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
5.7
2.85
2.05
1
1.5
Material and Finish
Model No.
Applicable wire
Q'ty/
reel
mm2
AWG#
Insulation O.D.
(mm)
0.8∼1.5
28∼24
0.08∼0.22
SPH-002T-P0.5L
8,000
Phosphor bronze, tin-plated (reflow treatment)
B
A
2
2
4.2
3.5
B
A
2
4.2
3.5
Circuit No.1
No. of Circuits
No. of Circuits
Circuit No.1
B
A
2
4.2
3.5
B
A
2
2
4.2
3.5
No. of Circuits
Circuit No.1
No. of Circuits
Circuit No.1
SPH-002T-P0.5L
MKS-L
*MKS-SC
Contact
Crimping
machine
Crimp applicator with dies
AP-K2N
MK/SPH-002-05L
SC/SPH-002-05L
Crimp applicator
Dies
APLMK SPH002-05L
APLSC SPH002-05L
Applicator
Crimp style connector (Contact)
Crimp style connector (Housing)
Reverse type
Normal type
(3 to 16 circuits)
(2 circuits)
(2 circuits)
RoHS compliance
(3 to 16 circuits)
Note: *Strip-crimp applicator
RoHS compliance
Note: SPH-002T-P0.5S is also available.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com