Electronic Components Datasheet Search
  English  ▼

X  

PHN Datasheet(PDF) 8 Page - JST Mfg. Co., Ltd.

Part # PHN
Description  2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

PHN Datasheet(HTML) 8 Page - JST Mfg. Co., Ltd.

  PHN Datasheet HTML 1Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 2Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 3Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 4Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 5Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 6Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 7Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 8Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
KR FAMILY SERIES/KRW・KR・PHN・TR CONNECTOR
Model No.
Circuits
Dimensions (mm)
BC
D
Material and Finish
16
18
20
22
24
26
28
30
32
BU16P-TRW-P-H
BU18P-TRW-P-H
BU20P-TRW-P-H
BU22P-TRW-P-H
BU24P-TRW-P-H
BU26P-TRW-P-H
BU28P-TRW-P-H
BU30P-TRW-P-H
BU32P-TRW-P-H
BU16P-TRW-PC-H
BU18P-TRW-PC-H
BU20P-TRW-PC-H
BU22P-TRW-PC-H
BU24P-TRW-PC-H
BU26P-TRW-PC-H
BU28P-TRW-PC-H
BU30P-TRW-PC-H
BU32P-TRW-PC-H
23.5
25.5
27.5
29.5
31.5
33.5
35.5
37.5
39.5
23.9
25.9
27.9
29.9
31.9
33.9
35.9
37.9
39.9
27.5
29.5
31.5
33.5
35.5
37.5
39.5
41.5
43.5
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Housing: PA 66, UL94V-0, gray
A
Reverse type
Normal type
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
100
100
50
50
50
50
50
50
50
Q'ty/
box
B
A
A
2
B
Reverse type: Line B/Circuit No.1
Line B Mark
Line A Mark
Normal type: Line A/Circuit No.1
Reverse type:
Line A/Circuit No.1
C
D
4.2
±
0.05
+0.1
+0.1
 0
 0
Normal type:
Line B/Circuit No.1
TRW connector (Unit for wire-to-wire connection)
RoHS compliance This product displays (LF)(SN) on a label.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
BU16P-TRW-P-H-
H…gray Y…yellow R…red N…brown
S…natural (white) M…green
Panel layout



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com