Electronic Components Datasheet Search
  English  ▼

X  

PHN Datasheet(PDF) 6 Page - JST Mfg. Co., Ltd.

Part # PHN
Description  2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

PHN Datasheet(HTML) 6 Page - JST Mfg. Co., Ltd.

  PHN Datasheet HTML 1Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 2Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 3Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 4Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 5Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 6Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 7Page - JST Mfg. Co., Ltd. PHN Datasheet HTML 8Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
KR FAMILY SERIES/KRW・KR・PHN・TR CONNECTOR
Circuits
Material and Finish
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: PA 66, UL94V-0, gray
16
18
20
22
24
26
28
30
32
B16B-KRWHK
B18B-KRWHK
B20B-KRWHK
B22B-KRWHK
B24B-KRWHK
B26B-KRWHK
B28B-KRWHK
B30B-KRWHK
B32B-KRWHK
S16B-KRWHS
S18B-KRWHS
S20B-KRWHS
S22B-KRWHS
―
S26B-KRWHS
S28B-KRWHS
S30B-KRWHS
S32B-KRWHS
B16B-KRWHK-C
B18B-KRWHK-C
B20B-KRWHK-C
B22B-KRWHK-C
B24B-KRWHK-C
B26B-KRWHK-C
B28B-KRWHK-C
B30B-KRWHK-C
B32B-KRWHK-C
S16B-KRWHS-C
S18B-KRWHS-C
S20B-KRWHS-C
S22B-KRWHS-C
―
S26B-KRWHS-C
S28B-KRWHS-C
S30B-KRWHS-C
S32B-KRWHS-C
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
22.4
24.4
26.4
28.4
30.4
32.4
34.4
36.4
38.4
Model No.
Dimensions
(mm)
Q'ty/box
AB
Top entry type Side entry type
Normal type
Reverse type
Top entry type Side entry type Top entry type Side entry type
320
288
256
224
224
192
192
192
160
280
252
224
196
196
168
168
168
140
Circuits
Q'ty/
box
Material and Finish
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: PA 66, UL94V-0, gray
10
12
14
16
18
20
22
24
26
28
30
32
B10B-KRWHK-F1
B12B-KRWHK-F1
B14B-KRWHK-F1
B16B-KRWHK-F1
B18B-KRWHK-F1
B20B-KRWHK-F1
B22B-KRWHK-F1
B24B-KRWHK-F1
B26B-KRWHK-F1
B28B-KRWHK-F1
B30B-KRWHK-F1
B32B-KRWHK-F1
B10B-KRWHK-F1-1
B12B-KRWHK-F1-1
B14B-KRWHK-F1-1
B16B-KRWHK-F1-1
B18B-KRWHK-F1-1
B20B-KRWHK-F1-1
B22B-KRWHK-F1-1
B24B-KRWHK-F1-1
B26B-KRWHK-F1-1
B28B-KRWHK-F1-1
B30B-KRWHK-F1-1
B32B-KRWHK-F1-1
B10B-KRWHK-F1-1D
B12B-KRWHK-F1-1D
B14B-KRWHK-F1-1D
B16B-KRWHK-F1-1D
B18B-KRWHK-F1-1D
B20B-KRWHK-F1-1D
B22B-KRWHK-F1-1D
B24B-KRWHK-F1-1D
B26B-KRWHK-F1-1D
B28B-KRWHK-F1-1D
B30B-KRWHK-F1-1D
B32B-KRWHK-F1-1D
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
17.0
19.0
21.0
23.0
25.0
27.0
29.0
31.0
33.0
35.0
37.0
39.0
364
308
280
252
252
224
196
196
168
168
168
140
Model No.
Top entry type
Dimensions (mm)
AB
Without bosses With a standard boss With a compact boss
Line A
Line B
Reverse type: Line B/Circuit No.1
Normal type: Line B/Circuit No.1
Reverse type: Line A/Circuit No.1
B
A
A
4.7
10.7
3.7
2
B
Normal type: Line A/Circuit No.1
B
A
2.8
10.05
5.8
2
4.7
2
Reverse type:
Line B/Circuit No.1
Reverse type:
Line A/Circuit No.1
Normal type:
Line B/Circuit No.1
Normal type:
Line A/Circuit No.1
Line A
Line B
3.7
Line A
Line B
Line A/Circuit No.1
Line B/Circuit No.1
B
A
10.7
10.7
Top entry type
RoHS compliance This product displays (LF)(SN) on a label.
Note:1.Top entry type headers with bosses or without clinched tails are also
available.
2.The products listed above are supplied packed in tray.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B10B-KRWHK-( )-
M…green H…gray N…brown
Top entry type
RoHS compliance This product displays (LF)(SN) on a label.
Note:1. The products listed above are supplied packed in tray.
2. Not UL/CSA/TÜV approved.
3. The applicable holder is "KRWH-( )( )-( )-1" only.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B10B-KRWHK-F1-( )-
H…gray Y…yellow R…red N…brown
M…green K…black
With a standard boss
With a compact boss
Double-row shrouded Header
Double-row shrouded Header (with locks)
Side entry type



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com